| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95320-WBN3 Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-WBN3 Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 39 page ![]() 27/39 M95640, M95320 Table 19. AC Characteristics (M95xxx, temperature range 3) Note: 1. tCH + tCL ≥ 1 / fC. 2. Value guaranteed by characterization, not 100% tested in production. 3. Current product: identified by Process Identification letter S. 4. New product: identified by Process Identification letter B. Test conditions specified in Table 11 and Table 8 Symbol Alt. Parameter Min.3 Max.3 Min.4 Max.4 Unit fC fSCK Clock Frequency D.C. 2 D.C. 5 MHz tSLCH tCSS1 S Active Setup Time 200 90 ns tSHCH tCSS2 S Not Active Setup Time 200 90 ns tSHSL tCS S Deselect Time 200 100 ns tCHSH tCSH S Active Hold Time 200 90 ns tCHSL S Not Active Hold Time 200 90 ns tCH 1 tCLH Clock High Time 200 90 ns tCL 1 tCLL Clock Low Time 200 90 ns tCLCH 2 tRC Clock Rise Time 1 1 µs tCHCL 2 tFC Clock Fall Time 1 1 µs tDVCH tDSU Data In Setup Time 40 20 ns tCHDX tDH Data In Hold Time 50 30 ns tHHCH Clock Low Hold Time after HOLD not Active 140 70 ns tHLCH Clock Low Hold Time after HOLD Active 90 40 ns tCHHL Clock High Set-up Time before HOLD Active 120 70 ns tCHHH Clock High Set-up Time before HOLD not Active 120 70 ns tSHQZ 2 tDIS Output Disable Time 250 100 ns tCLQV tV Clock Low to Output Valid 150 60 ns tCLQX tHO Output Hold Time 0 0 ns tQLQH 2 tRO Output Rise Time 100 50 ns tQHQL 2 tFO Output Fall Time 100 50 ns tHHQX 2 tLZ HOLD High to Output Low-Z 100 50 ns tHLQZ 2 tHZ HOLD Low to Output High-Z 250 100 ns tW tWC Write Time 10 5 ms |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |