| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CCR-59S760-R Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCR-59S760-R Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated |
|
4 / 13 page ![]() CCR-59S/CR-59S Page 4 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCR-59S\CR-59S\072013\Q3 Series CCR-59S/CR-59S Multi-Throw DC-26.5 GHz Latching Coaxial Switch COAX SWITCHES TRUTH TABLE Latching CCR-59SX4C-TD Logic Input RF Path Indicator Switches 123 J1 J2 J3 J4 Reset E F G H 000 On Off Off Off Off C 000 100 Off On Off Off Off 0 C 00 010 Off Off On Off Off 0 0 C 0 1 1 0 Off Off Off On Off 0 0 0 C 0 1 1 Off Off Off Off Reset 0 0 0 0 111 COIL OFF 0 0 0 0 TRUTH TABLE Latching CCR-59SX3C-TD Logic Input RF Path Indicator Switches 123 J1 J2 J3 Reset E F G 000 On Off Off Off C 00 100 Off On Off Off 0 C 0 010 Off Off On Off 0 0 C 0 1 1 Off Off Off Reset 0 0 0 111 COIL OFF 0 0 0 TRUTH TABLE Latching CCR-59SX3C-T Logic Input RF Path Indicator Switches 123 R J1 J2 J3 Reset E F G 1000 On Off Off Off C 00 0100 Off On Off Off 0 C 0 0010 Off Off On Off 0 0 C TRUTH TABLE Latching CCR-59SX4C-T Logic Input RF Path Indicator Switches 1234 R J1 J2 J3 J4 Reset E F G H 10000 On Off Off Off Off C 000 01000 Off On Off Off Off 0 C 00 00100 Off Off On Off Off 0 0 C 0 00010 Off Off Off On Off 0 0 0 C |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |