| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about VNQ600A-1 Datasheet
# Example questions:
➢ What is the typical low-level input voltage (vil) for the vnq600a?
➢ What class result is achieved for iso t/r 7637/1 test pulse 5?
➢ What is the typical input hysteresis voltage (vi(hyst)) for the vnq600a?
1. Core Function & Application:
️· High-Side Driver: The VNQ600A is designed to drive N-channel MOSFETs in high-side configuration. This is used for switching inductive loads, and commonly found in automotive applications.
️· Automotive Grade: The document heavily emphasizes testing based on ISO 7637/1 pulse testing. This means it's designed for the harsh electrical environments found in vehicles.
️· Protected: Includes built-in protection features like overvoltage, undervoltage, short-circuit, and over-temperature protection.
️· Sensing capabilities: The chip provides a sense pin for monitoring current or voltage.
2. Key Electrical Characteristics (extracted where available):
️· Logic Inputs:
- `VIL` (Low Level Input Voltage): 1.25V (max)
- `VIH` (High Level Input Voltage): 3.25V (min)
- `VI(hyst)` (Input Hysteresis): 0.5V
️· Input Currents:
- `IIL` (Low Level Input Current): 20-65 µA
- `IIH` (High Level Input Current): 75-110 µA
️· Switching Characteristics (from Figure 1): The datasheet shows rise and fall times (`tr`, `tf`) under resistive load. Specific values weren't provided but can be read from the waveform image.
️· Sensing: Includes a sense pin. `VSENSEH` is activated in case of overtemperature.
3. Protection Features:
️· Overvoltage Protection: Protects against excessive voltage spikes.
️· Undervoltage Protection: Shuts down the device if the supply voltage drops too low.
️· Short-Circuit Protection: Detects and responds to short circuits.
️· Overtemperature Protection: Shuts down the device if it overheats.
️· Negative Output Voltage Clamp: Limits negative voltage spikes.
4. Testing and Compliance:
️· ISO 7637/1: Extensive testing is performed based on the ISO 7637/1 automotive electrical transient immunity standard. The datasheet provides a table detailing the test levels and pass/fail criteria for various pulses (1, 2, 3a, 3b, 4, 5). It passes the 'C' criteria, meaning all functions operate as designed after the disturbance, except for Test 5 where it has an 'E' (not fully functional without replacing the device.)
5. Truth Table:
️· The datasheet provides a truth table showing the output states based on input conditions (normal operation, overtemperature, undervoltage, short circuit).
6. Waveforms and Figures:
️· Figure 1: Shows switching characteristics of the device with a resistive load.
️· Figure 2: Provides waveforms for each chip.
7. Sense Pin Functionality:
️· The sense pin provides a feedback signal for current or voltage monitoring. It also provides an indication of an overtemperature state.
In summary, the VNQ600A is a robust, automotive-grade high-side N-channel MOSFET driver designed for demanding applications with comprehensive protection features and rigorous testing to ensure reliability in harsh environments.
1. Core Function & Application:
️· High-Side Driver: The VNQ600A is designed to drive N-channel MOSFETs in high-side configuration. This is used for switching inductive loads, and commonly found in automotive applications.
️· Automotive Grade: The document heavily emphasizes testing based on ISO 7637/1 pulse testing. This means it's designed for the harsh electrical environments found in vehicles.
️· Protected: Includes built-in protection features like overvoltage, undervoltage, short-circuit, and over-temperature protection.
️· Sensing capabilities: The chip provides a sense pin for monitoring current or voltage.
2. Key Electrical Characteristics (extracted where available):
️· Logic Inputs:
- `VIL` (Low Level Input Voltage): 1.25V (max)
- `VIH` (High Level Input Voltage): 3.25V (min)
- `VI(hyst)` (Input Hysteresis): 0.5V
️· Input Currents:
- `IIL` (Low Level Input Current): 20-65 µA
- `IIH` (High Level Input Current): 75-110 µA
️· Switching Characteristics (from Figure 1): The datasheet shows rise and fall times (`tr`, `tf`) under resistive load. Specific values weren't provided but can be read from the waveform image.
️· Sensing: Includes a sense pin. `VSENSEH` is activated in case of overtemperature.
3. Protection Features:
️· Overvoltage Protection: Protects against excessive voltage spikes.
️· Undervoltage Protection: Shuts down the device if the supply voltage drops too low.
️· Short-Circuit Protection: Detects and responds to short circuits.
️· Overtemperature Protection: Shuts down the device if it overheats.
️· Negative Output Voltage Clamp: Limits negative voltage spikes.
4. Testing and Compliance:
️· ISO 7637/1: Extensive testing is performed based on the ISO 7637/1 automotive electrical transient immunity standard. The datasheet provides a table detailing the test levels and pass/fail criteria for various pulses (1, 2, 3a, 3b, 4, 5). It passes the 'C' criteria, meaning all functions operate as designed after the disturbance, except for Test 5 where it has an 'E' (not fully functional without replacing the device.)
5. Truth Table:
️· The datasheet provides a truth table showing the output states based on input conditions (normal operation, overtemperature, undervoltage, short circuit).
6. Waveforms and Figures:
️· Figure 1: Shows switching characteristics of the device with a resistive load.
️· Figure 2: Provides waveforms for each chip.
7. Sense Pin Functionality:
️· The sense pin provides a feedback signal for current or voltage monitoring. It also provides an indication of an overtemperature state.
In summary, the VNQ600A is a robust, automotive-grade high-side N-channel MOSFET driver designed for demanding applications with comprehensive protection features and rigorous testing to ensure reliability in harsh environments.
| Part No. | VNQ600A-1 |
| Manufacturer | STMICROELECTRONICS |
| Size | 339 Kbytes |
| Pages | 18 pages |
| Description | QUAD CHANNEL HIGH SIDE SOLID STATE RELAY |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |