Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ600A-1 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza VNQ600A-1
Descripción Electrónicos  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600A-1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNQ600A-1 Datasheet HTML 5Page - STMicroelectronics VNQ600A-1 Datasheet HTML 6Page - STMicroelectronics VNQ600A-1 Datasheet HTML 7Page - STMicroelectronics VNQ600A-1 Datasheet HTML 8Page - STMicroelectronics VNQ600A-1 Datasheet HTML 9Page - STMicroelectronics VNQ600A-1 Datasheet HTML 10Page - STMicroelectronics VNQ600A-1 Datasheet HTML 11Page - STMicroelectronics VNQ600A-1 Datasheet HTML 12Page - STMicroelectronics VNQ600A-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
VNQ600A(8960)
GND
PROTECTION
NETWORK
AGAINST
REVERSE BATTERY
Solution 1: Resistor in the ground line (RGND only). This
can be used with any type of load.
The following is an indication on how to dimension the
RGND resistor.
1) RGND ≤ 600mV / 2(IS(on)max).
2) RGND ≥ (−VCC) / (-IGND)
where -IGND is the DC reverse ground pin current and can
be found in the absolute maximum rating section of the
device’s datasheet.
Power Dissipation in RGND (when VCC<0: during reverse
battery situations) is:
PD= (-VCC)
2/R
GND
This resistor can be shared amongst several different
HSD. Please note that the value of this resistor should be
calculated with formula (1) where IS(on)max becomes the
sum of the maximum on-state currents of the different
devices.
Please note that if the microprocessor ground is not
common with the device ground then the RGND will
produce a shift (IS(on)max * RGND) in the input thresholds
and the status output values. This shift will vary
depending on how many devices are ON in the case of
several high side drivers sharing the same RGND.
If the calculated power dissipation leads to a large resistor
or several devices have to share the same resistor then
the ST suggests to utilize Solution 2 (see below).
Solution 2: A diode (DGND) in the ground line.
A resistor (RGND=1kΩ) should be inserted in parallel to
DGND if the device will be driving an inductive load.
This small signal diode can be safely shared amongst
several different HSD. Also in this case, the presence of
the ground network will produce a shift (
j600mV) in the
input threshold and the status output values if the
microprocessor ground is not common with the device
ground. This shift will not vary if more than one HSD
shares the same diode/resistor network.
LOAD DUMP PROTECTION
Dld is necessary (Voltage Transient Suppressor) if the
load dump peak voltage exceeds VCC max DC rating. The
same applies if the device will be subject to transients on
the VCC line that are greater than the ones shown in the
ISO T/R 7637/1 table.
1
APPLICATION SCHEMATIC
VCC1,2
OUTPUT2
C. SENSE 1
Dld
+5V
Rprot
OUTPUT1
RSENSE1,2,3,4
INPUT1
C. SENSE 2
INPUT2
µC
Rprot
Rprot
Rprot
INPUT3
INPUT4
C. SENSE 3
C. SENSE 4
DGND
RGND
VGND
GND1,2
GND3,4
OUTPUT3
Rprot
Rprot
Rprot
Rprot
VCC3,4
OUTPUT4
Note: Channels 3 & 4 have the same internal circuit as channel 1 & 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com