Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VNQ600A-1 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza VNQ600A-1
Descripción Electrónicos  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600A-1 Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ600A-1 Datasheet HTML 1Page - STMicroelectronics VNQ600A-1 Datasheet HTML 2Page - STMicroelectronics VNQ600A-1 Datasheet HTML 3Page - STMicroelectronics VNQ600A-1 Datasheet HTML 4Page - STMicroelectronics VNQ600A-1 Datasheet HTML 5Page - STMicroelectronics VNQ600A-1 Datasheet HTML 6Page - STMicroelectronics VNQ600A-1 Datasheet HTML 7Page - STMicroelectronics VNQ600A-1 Datasheet HTML 8Page - STMicroelectronics VNQ600A-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
VNQ600A(8960)
CURRENT SENSE (9V < VCC< 16V) (See Fig. 3)
LOGIC INPUT
Note 1: Vclamp and VOV are correlated. Typical difference is 5V.
Note 2: current sense signal delay after positive input slope.
Note: Sense pin doesn’t have to be left floating.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT1,2=0.35A; VSENSE=0.5V;
Tj= -40°C...+150°C
3300
4350
6000
dK1/K1
Current Sense Ratio Drift
IOUT1 or IOUT2=0.5A;
VSENSE=0.5V; other channels
open; Tj= -40°C...150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT=2A; VSENSE=2.5V; Tj=-40°C
Tj= 25°C...+150°C
3900
4150
4850
4850
6000
5800
dK2/K2
Current Sense Ratio Drift
IOUT1 or IOUT2=5A; VSENSE=4V;
other channels open;
Tj=-40°C...150°C
-6
+6
%
K3
IOUT/ISENSE
IOUT=4A; VSENSE=4V; Tj=-40°C
Tj= 25°C...+150°C
4150
4400
4900
4900
6000
5750
dK3/K3
Current Sense Ratio Drift
IOUT1 or IOUT2=15A; VSENSE=4V;
other channels open;
Tj=-40°C...150°C
-6
+6
%
VSENSE1,2
Max analog sense output
voltage
VCC=5.5V; IOUT1,2=2A;
RSENSE=10KΩ
VCC>8V; IOUT1,2=4A;
RSENSE=10KΩ
2
4
V
V
VSENSEH
Analog sense output voltage in
overtemperature condition
VCC=13V; RSENSE=3.9KΩ
5V
RVSENSEH
Analog Sense Output
Impedance in
Overtemperature Condition
VCC=13V; Tj>TTSD; All channels
open
400
tDSENSE
Current sense delay response to 90% ISENSE (see note 2)
500
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
1.25
V
VIH
High level input voltage
3.25
V
VI(hyst)
Input hysteresis voltage
0.5
V
IIL
Low level input current
VIN=1.25V
20
65
µA
IIH
High level input current
VIN=3.25V
75
110
µA
VICL
Input clamp voltage
IIN=1mA
IIN= -1mA
66.8
-0.7
8V
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com