Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE9555 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE9555 Datasheet

  • # Example questions: ➢ What material is used for the inner conductor plating of both connectors?
    ➢ How much torque, in ft-lbs, is required for the coupling nut?
    ➢ What is the impedance of both connector 1 and connector 2?

  • Part No.PE9555
    ManufacturerPASTERNACK
    Size249 Kbytes
    Pages3 pages
    Description7/16 DIN Male to 7/16 DIN Male Adapter
    Datasheet Summary with AI

    # 7/16 DIN Male to 7/16 DIN Male Adapter (PE9555)

    ## Specifications

    ️· Connector 1: 7/16 DIN Male
    ️· Connector 2: 7/16 DIN Male
    ️· Impedance: 50 Ohms
    ️· Body Style: Straight

    ## Mechanical Dimensions

    ️· Length: 1.85 in [46.99 mm]
    ️· Width/Diameter: 1.25 in [31.75 mm]
    ️· Hex Size: 1 1/4 in
    ️· Torque: 18.417 ft-lbs [24.97 Nm]

    ## Materials & Plating

    ️· Inner Conductor: Silver
    ️· Coupling Nut: Brass, Nickel

    ️· Body: Brass, Nickel
    ️· Dielectric: PTFE

    ## Compliance

    ️· RoHS Compliant: Yes

    ## Additional Information

    ️· Part Number: PE9555
    ️· Availability: 99%
    ️· Shipment: Same day domestic and international orders
    ️· URL: [http://www.pasternack.com/7-16-din-male-7-16-din-male-straight-adapter-pe9555-p.aspx](http://www.pasternack.com/7-16-din-male-7-16-din-male-straight-adapter-pe9555-p.aspx)
    ️· Revision: REV3 (© 2013 Pasternack Enterprises)

    # 7/16 DIN Male to 7/16 DIN Male Adapter (PE9555)

    ## Specifications

    ️· Connector 1: 7/16 DIN Male
    ️· Connector 2: 7/16 DIN Male
    ️· Impedance: 50 Ohms
    ️· Body Style: Straight

    ## Mechanical Dimensions

    ️· Length: 1.85 in [46.99 mm]
    ️· Width/Diameter: 1.25 in [31.75 mm]
    ️· Hex Size: 1 1/4 in
    ️· Torque: 18.417 ft-lbs [24.97 Nm]

    ## Materials & Plating

    ️· Inner Conductor: Silver
    ️· Coupling Nut: Brass, Nickel
    ️· Body: Brass, Nickel
    ️· Dielectric: PTFE

    ## Compliance

    ️· RoHS Compliant: Yes

    ## Additional Information

    ️· Part Number: PE9555
    ️· Availability: 99%
    ️· Shipment: Same day domestic and international orders
    ️· URL: [http://www.pasternack.com/7-16-din-male-7-16-din-male-straight-adapter-pe9555-p.aspx](http://www.pasternack.com/7-16-din-male-7-16-din-male-straight-adapter-pe9555-p.aspx)
    ️· Revision: REV3 (© 2013 Pasternack Enterprises)

    Part No.PE9555
    ManufacturerPASTERNACK
    Size249 Kbytes
    Pages3 pages
    Description7/16 DIN Male to 7/16 DIN Male Adapter
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com