Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE9555 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

No. de pieza PE9555
Descripción Electrónicos  7/16 DIN Male to 7/16 DIN Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9555 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9555 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9555 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9555 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male to 7/16 DIN Male Adapter from Pasternack Enterprises has same day shipment for domestic and Interna-
tional orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection
in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Male Adapter PE9555
URL: http://www.pasternack.com/7-16-din-male-7-16-din-male-straight-adapter-pe9555-p.aspx
7/16 DIN Male to 7/16 DIN Male Adapter
PE9555
PE9555 REV



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com