Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE9555 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE9555
Descripción Electrónicos  7/16 DIN Male to 7/16 DIN Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9555 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9555 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9555 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9555 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male to 7/16 DIN Male Adapter
Configuration
Connector 1
7/16 DIN Male
Impedance 1
50 Ohms
Connector 2
7/16 DIN Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.85 [46.99]
Width/Dia., in [mm]
1.25 [31.75]
.
Connector 1
Type
7/16 DIN Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
7/16 DIN Male to 7/16 DIN Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Male Adapter PE9555
PE9555
PE9555 REV


Número de pieza similar - PE9555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9553 PASTERNACK-PE9553 Datasheet
247Kb / 2P
4 Hole Flange N Female to HN Female Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
N Male to HN Male Adapter
More results

Descripción similar - PE9555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9535 PASTERNACK-PE9535 Datasheet
464Kb / 3P
N Male to 7/16 DIN Male Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com