Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAT86 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BAT86 Datasheet

  • # Example questions: ➢ What is the maximum reverse voltage that this diode can withstand without breakdown?
    ➢ What is the maximum allowable power dissipation for this diode when operating at an ambient temperature of 25°c?
    ➢ How does the forward voltage drop change as the forward current increases from 0.1 ma to 100 ma?

  • Part No.BAT86
    ManufacturerGE
    Size44 Kbytes
    Pages2 pages
    DescriptionSchottky Diodes
    Datasheet Summary with AI

    # BAT86 Schottky Diodes

    ## Features & Applications

    ️· Type: Metal-on-silicon Schottky barrier diode.
    ️· Applications: MOS device protection, steering, biasing, coupling diodes, fast switching, low logic level applications.
    ️· Protection: PN junction guard ring for electrostatic discharge protection.
    ️· Availability: Also available in Mini-MELF case (BAS86).
    ️· General Purpose: Suitable for general purpose applications.

    ## Mechanical Data

    ️· Case: DO-35 Glass Case
    ️· Weight: Approx. 0.13 g
    ️· Dimensions (inches & mm): (Data presented in table format within the original document)

    ## Maximum Ratings

    ️· Continuous Reverse Voltage (VR): -50 V
    ️· Forward Continuous Current (IF) @ 25°C: 200 mA
    ️· Repetitive Forward Current (IFRM) @ tp < 1s, Tamb = 25°C: 500 mA
    ️· Power Dissipation (Ptot) @ Tamb = 25°C: 200 mW
    ️· Junction Temperature (Tj): 125 °C
    ️· Ambient Operating Temperature (Tamb): -65 °C to +125 °C
    ️· Storage Temperature (TS): -65 °C to +150 °C
    ️· *Note: Ratings valid with leads 4mm from case at ambient temperature.*

    ## Electrical Characteristics

    ️· Forward Voltage (VF) Pulse Test:
    - IF = 0.1 mA: 0.200 V
    - IF = 1 mA: 0.275 V
    - IF = 10 mA: 0.365 V
    - IF = 30 mA: 0.460 V
    - IF = 100 mA: 0.700 V
    ️· Leakage Current (IR) @ VR = 25V: 0.2 - 0.5 µA
    ️· Reverse Breakdown Voltage (V(BR)R): 50 V
    ️· Capacitance (Ctot) @ VR = 1V, f = 1MHz: 8 pF
    ️· Thermal Resistance (RthJA): 300 K/W
    ️· Reverse Recovery Time (trr): 5 ns
    ️· *Note: Electrical characteristics ratings valid with leads 4mm from case at ambient temperature.*

    # BAT86 Schottky Diodes

    ## Features & Applications

    ️· Type: Metal-on-silicon Schottky barrier diode.
    ️· Applications: MOS device protection, steering, biasing, coupling diodes, fast switching, low logic level applications.
    ️· Protection: PN junction guard ring for electrostatic discharge protection.
    ️· Availability: Also available in Mini-MELF case (BAS86).
    ️· General Purpose: Suitable for general purpose applications.

    ## Mechanical Data

    ️· Case: DO-35 Glass Case
    ️· Weight: Approx. 0.13 g
    ️· Dimensions (inches & mm): (Data presented in table format within the original document)

    ## Maximum Ratings

    ️· Continuous Reverse Voltage (VR): -50 V
    ️· Forward Continuous Current (IF) @ 25°C: 200 mA
    ️· Repetitive Forward Current (IFRM) @ tp < 1s, Tamb = 25°C: 500 mA
    ️· Power Dissipation (Ptot) @ Tamb = 25°C: 200 mW
    ️· Junction Temperature (Tj): 125 °C
    ️· Ambient Operating Temperature (Tamb): -65 °C to +125 °C
    ️· Storage Temperature (TS): -65 °C to +150 °C
    ️· *Note: Ratings valid with leads 4mm from case at ambient temperature.*

    ## Electrical Characteristics

    ️· Forward Voltage (VF) Pulse Test:
    - IF = 0.1 mA: 0.200 V
    - IF = 1 mA: 0.275 V
    - IF = 10 mA: 0.365 V
    - IF = 30 mA: 0.460 V
    - IF = 100 mA: 0.700 V
    ️· Leakage Current (IR) @ VR = 25V: 0.2 - 0.5 µA
    ️· Reverse Breakdown Voltage (V(BR)R): 50 V
    ️· Capacitance (Ctot) @ VR = 1V, f = 1MHz: 8 pF
    ️· Thermal Resistance (RthJA): 300 K/W
    ️· Reverse Recovery Time (trr): 5 ns
    ️· *Note: Electrical characteristics ratings valid with leads 4mm from case at ambient temperature.*

    Part No.BAT86
    ManufacturerGE
    Size44 Kbytes
    Pages2 pages
    DescriptionSchottky Diodes
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com