| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HD74ALVCH162373 Datasheet
# Example questions:
➢ What package dimensions are provided for the hd74alvch162373?
➢ What are some cautions regarding the use of this product in critical applications (like those affecting human life)?
➢ What is the typical operating supply voltage range for the hd74alvch162373?
Okay, here's a breakdown of the provided document, summarizing its contents:
Document Type: This is a datasheet for the Hitachi HD74ALVCH162373, a 16-bit transparent latch integrated circuit.
Key Information:
️· Function: The device is a transparent latch, meaning it allows signals to pass through when enabled, and stores the signal when disabled.
️· Supply Voltage: Operates on a range of voltages, as detailed in the tables, often around 2.5V to 3.3V.
️· Package Options: It's available in a 48-pin DIP package (TTP-48DC) and a SOIC package (JEDEC and EIAJ codes not specified).
️· Electrical Characteristics: The datasheet provides detailed electrical specifications including:
- Propagation delays
- Setup and hold times
- Input/output capacitances
- Voltage levels for high and low states
️· Timing Diagrams: Visual representations of the device's operation under different conditions (enable, disable, setup/hold, etc.).
️· Pinout: A diagram showing the function of each pin on the IC.
️· Operating Conditions: The device's recommended operating temperature range and other environmental considerations.
️· Cautions: Standard disclaimers about product changes, safety, radiation resistance, and intellectual property.
️· Contact Information: Provides contact details for Hitachi offices in North America, Europe, and Asia.
Overall Purpose: The document is designed for engineers and technicians who need to understand the technical specifications and how to use the HD74ALVCH162373 in electronic designs.
Document Type: This is a datasheet for the Hitachi HD74ALVCH162373, a 16-bit transparent latch integrated circuit.
Key Information:
️· Function: The device is a transparent latch, meaning it allows signals to pass through when enabled, and stores the signal when disabled.
️· Supply Voltage: Operates on a range of voltages, as detailed in the tables, often around 2.5V to 3.3V.
️· Package Options: It's available in a 48-pin DIP package (TTP-48DC) and a SOIC package (JEDEC and EIAJ codes not specified).
️· Electrical Characteristics: The datasheet provides detailed electrical specifications including:
- Propagation delays
- Setup and hold times
- Input/output capacitances
- Voltage levels for high and low states
️· Timing Diagrams: Visual representations of the device's operation under different conditions (enable, disable, setup/hold, etc.).
️· Pinout: A diagram showing the function of each pin on the IC.
️· Operating Conditions: The device's recommended operating temperature range and other environmental considerations.
️· Cautions: Standard disclaimers about product changes, safety, radiation resistance, and intellectual property.
️· Contact Information: Provides contact details for Hitachi offices in North America, Europe, and Asia.
Overall Purpose: The document is designed for engineers and technicians who need to understand the technical specifications and how to use the HD74ALVCH162373 in electronic designs.
| Part No. | HD74ALVCH162373 |
| Manufacturer | HITACHI |
| Size | 53 Kbytes |
| Pages | 12 pages |
| Description | 16-bit Transparent D-type Latches with 3-state Outputs |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |