Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD74ALVCH162373 Datasheet(PDF) 7 Page - Hitachi Semiconductor

No. de pieza HD74ALVCH162373
Descripción Electrónicos  16-bit Transparent D-type Latches with 3-state Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH162373 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74ALVCH162373 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVCH162373 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74ALVCH162373
7
Switching Characteristics (Ta = –40 to 85°C)
Item
Symbol V
CC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
Propagation delay time
t
PLH
2.5
±0.2 1.0
5.6
ns
D
Q
t
PHL
2.7
5.0
3.3
±0.3 1.1
4.2
2.5
±0.2 1.0
6.0
LE
Q
2.7
5.3
3.3
±0.3 1.0
4.5
Output enable time
t
ZH
2.5
±0.2 1.0
7.0
ns
OE
Q
t
ZL
2.7
6.4
3.3
±0.3 1.0
5.3
Output disable time
t
HZ
2.5
±0.2 1.9
5.8
ns
OE
Q
t
LZ
2.7
5.0
3.3
±0.3 1.4
4.6
Setup time
t
su
2.5
±0.2 1.0
ns
2.7
1.0
3.3
±0.3 1.1
Hold time
t
h
2.5
±0.2 1.5
ns
2.7
1.7
3.3
±0.3 1.4
Pulse width
t
w
2.5
±0.2 3.3
ns
2.7
3.3
3.3
±0.3 3.3
Input capacitance
C
IN
3.3
3.0
pF
Control inputs
3.3
6.0
Data inputs
Output capacitance
C
O
3.3
7.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com