Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT4805BWSC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RT4805BWSC Datasheet

  • # Example questions: ➢ What is the typical input voltage range for the rt4805b, based on the provided datasheet excerpts?
    ➢ What protection features are demonstrated in the 'overload protection' graph, and what signals indicate their activation?
    ➢ How does the efficiency of the rt4805b change with increasing load current?

  • Part No.RT4805BWSC
    ManufacturerRICHTEK
    Size1Mb
    Pages23 pages
    DescriptionSynchronous Boost Regulator
    Datasheet Summary with AI

    Device Overview:

    ️· The RT8083 is a high-efficiency, synchronous step-down converter.
    ️· It’s designed for applications requiring up to 3A of output current.
    ️· It operates from a wide input voltage range (typically 2.5V to 5.5V) to a regulated output voltage.

    Key Features:

    ️· Wide Input Voltage Range: Supports input voltages from 2.5V to 5.5V.
    ️· High Efficiency: Demonstrates high efficiency in various load conditions (see efficiency graphs).
    ️· Synchronous Rectification: Utilizes synchronous rectification for improved efficiency and reduced heat dissipation.
    ️· Fixed Output Voltage: Usually configured for a specific fixed output voltage (e.g., 3.2V, 3.4V).
    ️· Protection Features: Includes overload protection, short-circuit protection, and thermal shutdown.
    ️· Small Size: Designed for compact applications.

    Performance Characteristics (based on graphs and data):

    ️· Efficiency: Efficiency can reach over 90% under many conditions, depending on input voltage and load current. The datasheet provides efficiency curves to illustrate performance.
    ️· Output Ripple: Output ripple is relatively low, as shown in the output ripple vs. load current graph.
    ️· Load Regulation: The output voltage remains stable with changes in load current. (Demonstrated through Output Regulation graphs)
    ️· Startup Performance: The device exhibits a fast startup time.
    ️· Overload Protection: Demonstrates overload protection, entering shutdown after reaching a current limit.

    Typical Applications:

    ️· Portable Devices (Smartphones, Tablets)
    ️· Wireless Communication Devices
    ️· Digital Cameras
    ️· LCD Monitors
    ️· Power Banks
    ️· Any application requiring a high-efficiency, compact DC-DC converter.

    Key graphs/tests shown:

    ️· Efficiency vs. Load Current: Shows how efficiency changes with the load.
    ️· Output Ripple vs. Load Current: Displays the amount of output voltage ripple as the current changes.
    ️· Output Regulation vs. Load Current: Displays how stable the output voltage is with changing loads.
    ️· Startup Behavior: Shows the voltage and current waveforms during device startup.
    ️· Overload Protection: Demonstrates protection circuits shutting down when a fault happens.
    ️· Maximum Load Current vs. Input Voltage: Shows the maximum load the device can handle with different input voltages.



    In short, the RT8083 is a highly efficient, compact DC-DC converter suitable for a wide range of portable and power-sensitive applications.

    Device Overview:

    ️· The RT8083 is a high-efficiency, synchronous step-down converter.
    ️· It’s designed for applications requiring up to 3A of output current.
    ️· It operates from a wide input voltage range (typically 2.5V to 5.5V) to a regulated output voltage.

    Key Features:

    ️· Wide Input Voltage Range: Supports input voltages from 2.5V to 5.5V.
    ️· High Efficiency: Demonstrates high efficiency in various load conditions (see efficiency graphs).
    ️· Synchronous Rectification: Utilizes synchronous rectification for improved efficiency and reduced heat dissipation.
    ️· Fixed Output Voltage: Usually configured for a specific fixed output voltage (e.g., 3.2V, 3.4V).
    ️· Protection Features: Includes overload protection, short-circuit protection, and thermal shutdown.
    ️· Small Size: Designed for compact applications.

    Performance Characteristics (based on graphs and data):

    ️· Efficiency: Efficiency can reach over 90% under many conditions, depending on input voltage and load current. The datasheet provides efficiency curves to illustrate performance.
    ️· Output Ripple: Output ripple is relatively low, as shown in the output ripple vs. load current graph.
    ️· Load Regulation: The output voltage remains stable with changes in load current. (Demonstrated through Output Regulation graphs)
    ️· Startup Performance: The device exhibits a fast startup time.
    ️· Overload Protection: Demonstrates overload protection, entering shutdown after reaching a current limit.

    Typical Applications:

    ️· Portable Devices (Smartphones, Tablets)
    ️· Wireless Communication Devices
    ️· Digital Cameras
    ️· LCD Monitors
    ️· Power Banks
    ️· Any application requiring a high-efficiency, compact DC-DC converter.

    Key graphs/tests shown:

    ️· Efficiency vs. Load Current: Shows how efficiency changes with the load.
    ️· Output Ripple vs. Load Current: Displays the amount of output voltage ripple as the current changes.
    ️· Output Regulation vs. Load Current: Displays how stable the output voltage is with changing loads.
    ️· Startup Behavior: Shows the voltage and current waveforms during device startup.
    ️· Overload Protection: Demonstrates protection circuits shutting down when a fault happens.
    ️· Maximum Load Current vs. Input Voltage: Shows the maximum load the device can handle with different input voltages.



    In short, the RT8083 is a highly efficient, compact DC-DC converter suitable for a wide range of portable and power-sensitive applications.

    Part No.RT4805BWSC
    ManufacturerRICHTEK
    Size1Mb
    Pages23 pages
    DescriptionSynchronous Boost Regulator
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com