Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT4805BWSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

No. de pieza RT4805BWSC
Descripción Electrónicos  Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805BWSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4805BWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
RT4805B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4805B-01
April
2017
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic Level Low EN, VSEL,
nBYP, SCL, SDA
VIL
--
--
0.4
V
Output Voltage Accuracy
VREG
VOUT  VIN > 100mV, PWM
2
--
2
%
Minimum On Time
tON
VIN = 3V, VOUT = 3.5V,
ILOAD > 1000mA
--
80
--
ns
Maximum Duty Cycle
DMAX
40
--
--
%
Switching Frequency
fSW
VIN = 2.65V, VOUT = 3.5V,
ILOAD = 1000mA
2
2.5
3
MHz
Boost Valley Current Limit
ICL
VIN = 2.9V
3.5
4
4.5
A
Soft-Start Input Current Limit
ISS_PK
LIN1
--
1000
--
mA
Soft-Start Input Current Limit
ISS_PK
LIN2
--
2000
--
mA
Pass Through Mode Current
Limit
IBPCL
VIN = 3.2V
--
4
--
A
N-Channel Boost Switch
RDS(ON)
RDSN
VIN = 3.2V, VOUT = 3.5V
--
60
95
m
P-Channel Boost Switch
RDS(ON)
RDSP
VIN = 3.2V, VOUT = 3.5V
--
40
80
m
N-Channel Bypass Switch
RDS(ON)
RDSP_BYP
VIN = 3.2V, VOUT = 3.5V
--
40
60
m
Hot Die Trigger Threshold
THD
--
100
--
oC
Hot Die Release Threshold
THDR
--
90
--
oC
Over-Temperature Protection
TOTP
--
160
--
oC
Over-Temperature Protection
Hysteresis
TOTP_HYS
--
20
--
oC
FAULT Restart Time
tRST
--
1
--
ms
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25C with the component mounted on a high
effective-thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com