Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT4805BWSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

No. de pieza RT4805BWSC
Descripción Electrónicos  Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805BWSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4805BWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
RT4805B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805B-01
April
2017
www.richtek.com
1
2.5MHz, Synchronous Boost Regulator with Bypass Mode
General Description
The RT4805B allows systems to take advantage of
new battery chemistries that can supply significant
energy when the battery voltage is lower than the
required voltage for system power ICs. By combining
built-in power transistors, synchronous rectification,
and low supply current; this IC provides a compact
solution for systems using advanced Li-Ion battery
chemistries.
The RT4805B is a boost regulator designed to provide
a minimum output voltage from a single-cell Li-Ion
battery, even when the battery voltage is below system
minimum. In boost mode, output voltage regulation is
guaranteed to a maximum load current of 2A.
Quiescent current in Shutdown Mode is less than 1
A,
which maximizes battery life. The regulator transitions
smoothly between Bypass and normal Boost Mode.
The device can be forced into Bypass Mode to reduce
quiescent current.
The RT4805B
is available in the WL-CSP-16B
1.67x1.67 (BSC) package.
Features
4 Few External Components : 0.47
H Inductor
and 0603 Case Size Input and Output Capacitors
Input Voltage Range : 1.8V to 5V
Output Range from 2.85V to 4.4V
VSEL = L 3.15V
VSEL = H 3.6V
Maximum Continuous Load Current : 2A at VIN >
2.65V Boosting VOUT to 3.35V
Up to 96% Efficient
True Bypass Operation when VIN > Target VOUT
Internal Synchronous Rectifier
True Load Disconnect when Shut Down
Forced Bypass Mode
VSEL Control to Optimize Target VOUT
Short-Circuit Protection
I
2C Controlled Interface
Ultra Low Operating Quiescent Current
Small WL-CSP 16B Package
Applications
Single-Cell Li-Ion, LiFePO4 Smart-Phones or Tablet
2.5G/3G/4G Mini-Module Data Cards
Simplified Application Circuit
VIN
RT4805B
VOUT
LX
VSEL
EN
AGND PGND
CIN
+
-
nBYP
COUT
SCL
SDA
L1
PGOOD
To pull high voltage


Número de pieza similar - RT4805BWSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
RT4805AWSC RICHTEK-RT4805AWSC Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
More results

Descripción similar - RT4805BWSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
logo
Semtech Corporation
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
Low Voltage Synchronous Boost Regulator
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
logo
ON Semiconductor
FAN48611 ONSEMI-FAN48611 Datasheet
1Mb / 14P
2.5 MHz, Fixed-Output, Synchronous Tiny Boost Regulator
June 2017 Rev. 1.2
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
Synchronous Buck-Boost DC/DC Constant Output Current Regulator
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
Synchronous Buck-Boost DC/DC Regulator
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
Synchronous Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com