Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Q65110A7590 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about Q65110A7590 Datasheet

  • # Example questions: ➢ What is the approximate length of the component from the cathode/collector side to the opposite end?
    ➢ What is the maximum recommended peak temperature for this component?
    ➢ What is the recommended time above the liquidus temperature (tl) during reflow soldering?

  • Part No.Q65110A7590
    ManufacturerOSRAM
    Size568 Kbytes
    Pages21 pages
    DescriptionCoupling into Light Guides
    Datasheet Summary with AI

    Okay, let's break down this document. It appears to be a datasheet or technical document for a semiconductor component, likely a MOSFET or similar power device. Here's a summary of what's included, organized by section:

    1. Introduction & General Information:

    ️· Document Purpose: This is a technical document providing specifications and guidelines for using the component.
    ️· Version/Revision: It's Revision 1.2, dated 2015-06-08.
    ️· Key Components Discussed: This document details physical dimensions, electrical characteristics, and suggested soldering/reflow parameters.
    ️· Units: Measurements are primarily in millimeters (mm) and degrees Celsius (°C). Dimensions are frequently accompanied by tolerances (e.g., ±0.05 mm).
    ️· Emission Types: The device is RoHS compliant and is potentially halogen-free (this isn't explicitly stated but often implied).

    2. Physical Dimensions and Layouts:

    ️· Multiple Layout Options: It presents *four* different suggested pad layouts (called "top mount / nach oben emittierend"). These are crucial for proper PCB design to ensure good thermal performance and electrical connectivity.
    ️· Pad Dimensions & Tolerances: Each layout diagram includes detailed dimensions for the pads (e.g., length, width, distance between pads). The dimensions are often accompanied by tolerances. This allows PCB designers to accurately place the component.
    ️· Cathode/Collector Side Designation: It indicates which side of the component is the cathode (for diodes) or collector (for transistors).

    3. Electrical Characteristics & Reflow Parameters:

    ️· Reflow Profile Guidelines: The document includes a reflow soldering profile. This profile specifies the temperature ramp-up rates, hold times, peak temperature, and cool-down rates required for proper soldering. It's intended for lead-free (SnAgCu) solder alloys. Key metrics are provided in a table, including:
    - Ramp-up rates (°C/s)

    - Time at various temperatures (tS, tL, tP)
    - Liquidus temperature (TL)
    - Peak temperature (TP)
    - Cool-down rates
    ️· Slope Calculation DT/Dt: A note about slope calculation to ensure the ramp-up rate doesn't exceed 5 seconds.

    Overall Purpose:

    The overall purpose of this document is to provide engineers and technicians with the necessary information to properly handle, solder, and integrate the semiconductor component into a PCB (printed circuit board). Correct layout and soldering are essential for reliable operation and long component life. The dimensional diagrams are vital for PCB design, while the reflow profile prevents damage to the component during the soldering process.



    **To help me provide more specific insights, could you tell me:**

    * **What is the specific part number of the component this document pertains to?** Knowing the part number will allow me to research more about it.
    * **What is your primary goal in understanding this document?** (e.g., PCB layout, soldering process, design validation).

    1. Introduction & General Information:

    ️· Document Purpose: This is a technical document providing specifications and guidelines for using the component.
    ️· Version/Revision: It's Revision 1.2, dated 2015-06-08.
    ️· Key Components Discussed: This document details physical dimensions, electrical characteristics, and suggested soldering/reflow parameters.
    ️· Units: Measurements are primarily in millimeters (mm) and degrees Celsius (°C). Dimensions are frequently accompanied by tolerances (e.g., ±0.05 mm).
    ️· Emission Types: The device is RoHS compliant and is potentially halogen-free (this isn't explicitly stated but often implied).

    2. Physical Dimensions and Layouts:

    ️· Multiple Layout Options: It presents *four* different suggested pad layouts (called "top mount / nach oben emittierend"). These are crucial for proper PCB design to ensure good thermal performance and electrical connectivity.
    ️· Pad Dimensions & Tolerances: Each layout diagram includes detailed dimensions for the pads (e.g., length, width, distance between pads). The dimensions are often accompanied by tolerances. This allows PCB designers to accurately place the component.
    ️· Cathode/Collector Side Designation: It indicates which side of the component is the cathode (for diodes) or collector (for transistors).

    3. Electrical Characteristics & Reflow Parameters:

    ️· Reflow Profile Guidelines: The document includes a reflow soldering profile. This profile specifies the temperature ramp-up rates, hold times, peak temperature, and cool-down rates required for proper soldering. It's intended for lead-free (SnAgCu) solder alloys. Key metrics are provided in a table, including:
    - Ramp-up rates (°C/s)
    - Time at various temperatures (tS, tL, tP)
    - Liquidus temperature (TL)
    - Peak temperature (TP)
    - Cool-down rates
    ️· Slope Calculation DT/Dt: A note about slope calculation to ensure the ramp-up rate doesn't exceed 5 seconds.

    Overall Purpose:

    Part No.Q65110A7590
    ManufacturerOSRAM
    Size568 Kbytes
    Pages21 pages
    DescriptionCoupling into Light Guides
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com