Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISL9007 Datasheet (PDF) - Renesas Technology Corp

ISL9007 Datasheet PDF - Renesas Technology Corp
No. de pieza ISL9007
Descarga  ISL9007 Descarga
Tamaño del archivo   503.12 Kbytes
Page   9 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos High Current LDO with Low IQ and High PSRR

ISL9007 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISL9007 Datasheet PDF - Renesas Technology Corp

No. de pieza ISL9007
Descarga  ISL9007 Click to download

Tamaño del archivo   503.12 Kbytes
Page   9 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos High Current LDO with Low IQ and High PSRR

ISL9007 Datasheet (HTML) - Renesas Technology Corp


ISL9007 Detalles de producto

ISL9007 is a high performance LDO that delivers a continuous 400mA of load current. It has a low standby current and high PSRR and is stable with output capacitance of 1µF to 10µF with an ESR of up to 200mΩ.
The ISL9007 has a very high PSRR of 75dB and output noise less than 30µVRMS. When coupled with a no load quiescent current of 50µA (typical), and 1µA (max) shutdown current, the ISL9007 is an ideal choice for portable wireless equipment.
The ISL9007 comes in fixed voltage options of 3.3V, 2.85V, 2.8V, and 2.5V with ±1.8% output voltage accuracy over-temperature, line and load. Other output voltage options may be available upon request.

Features
• High performance LDO with 400mA continuous output
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across full range of load current
• Very high PSRR: 75dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 50µA
• Low dropout voltage: typically 200mV @ 400mA
• Low output noise: typically 30µVRMS @ 100µA (2.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Shutdown pin turns off LDO for 1µA (max) standby current
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• 8 Ld MSOP package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)

Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices, including Medical Handhelds




Número de pieza similar - ISL9007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
High Current LDO with Low IQ and High PSRR
October 13, 2005
ISL9007 INTERSIL-ISL9007 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL9007 INTERSIL-ISL9007 Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
ISL9007EVAL1Z INTERSIL-ISL9007EVAL1Z Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
ISL9007IUCZ INTERSIL-ISL9007IUCZ Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
More results


Descripción similar - ISL9007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
High Current LDO with Low IQ and High PSRR
October 13, 2005
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
Low Noise LDO with Low IQ and High PSRR
October 1, 2009
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9007IUNZ INTERSIL-ISL9007IUNZ Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
Low Noise LDO with Low IQ and High PSRR
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results




Sobre a Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com