Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISL9007 Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza ISL9007
Descripción Electrónicos  High Current LDO with Low IQ and High PSRR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9007 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9007 Datasheet HTML 1Page - Renesas Technology Corp ISL9007 Datasheet HTML 2Page - Renesas Technology Corp ISL9007 Datasheet HTML 3Page - Renesas Technology Corp ISL9007 Datasheet HTML 4Page - Renesas Technology Corp ISL9007 Datasheet HTML 5Page - Renesas Technology Corp ISL9007 Datasheet HTML 6Page - Renesas Technology Corp ISL9007 Datasheet HTML 7Page - Renesas Technology Corp ISL9007 Datasheet HTML 8Page - Renesas Technology Corp ISL9007 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN9218 Rev 3.00
Page 1 of 9
February 11, 2014
FN9218
Rev 3.00
February 11, 2014
ISL9007
High Current LDO with Low IQ and High PSRR
DATASHEET
ISL9007 is a high performance LDO that delivers a continuous
400mA of load current. It has a low standby current and
high PSRR and is stable with output capacitance of 1µF to
10µF with an ESR of up to 200m
.
The ISL9007 has a very high PSRR of 75dB and output noise
less than 30µVRMS. When coupled with a no load quiescent
current of 50µA (typical), and 1µA (max) shutdown current, the
ISL9007 is an ideal choice for portable wireless equipment.
The ISL9007 comes in fixed voltage options of 3.3V, 2.85V,
2.8V, and 2.5V with ±1.8% output voltage accuracy
over-temperature, line and load. Other output voltage options
may be available upon request.
Features
• High performance LDO with 400mA continuous output
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across full
range of load current
• Very high PSRR: 75dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 50µA
• Low dropout voltage: typically 200mV @ 400mA
• Low output noise: typically 30µVRMS @ 100µA (2.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Shutdown pin turns off LDO for 1µA (max) standby current
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• 8 Ld MSOP package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices, including Medical Handhelds
C1, C2: 1µF X5R CERAMIC CAPACITOR
ISL9007
VIN
VIN
VO
GND
1
5
8
7
VIN (3.0V TO 6.5V)
VOUT
C1
C2
SD
6
SHUTDOWN
ON
OFF
FIGURE 1. TYPICAL APPLICATION
VO
GND
BANDGAP AND
TEMPERATURE
SENSOR
UVLO
VIN
VIN
SHORT CIRCUIT,
THERMAL PROTECTION,
SOFT-START
SD
CONTROL
LOGIC
+
-
FIGURE 2. BLOCK DIAGRAM


Número de pieza similar - ISL9007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
High Current LDO with Low IQ and High PSRR
October 13, 2005
ISL9007 INTERSIL-ISL9007 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL9007 INTERSIL-ISL9007 Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
ISL9007EVAL1Z INTERSIL-ISL9007EVAL1Z Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
ISL9007IUCZ INTERSIL-ISL9007IUCZ Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
More results

Descripción similar - ISL9007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL9007 INTERSIL-ISL9007 Datasheet
257Kb / 8P
High Current LDO with Low IQ and High PSRR
October 13, 2005
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
Low Noise LDO with Low IQ and High PSRR
October 1, 2009
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
Low Noise LDO with Low IQ and High PSRR
March 11, 2008
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9007IUNZ INTERSIL-ISL9007IUNZ Datasheet
284Kb / 9P
High Current LDO with Low IQ and High PSRR
February 11, 2014
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
Low Noise LDO with Low IQ and High PSRR
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
Low Noise LDO with Low IQ And High PSRR
April 15, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com