| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Eaton All Rights Reserv... |
HBH
|
396Kb / 2P |
5 mm x 20 mm fuse holders
|
|
H15
|
305Kb / 2P |
PCB fuse holders for 5 mm x 20 mm fuses
|
 WAGO Kontakttechnik Gmb... |
788-148
|
160Kb / 4P |
Filter module; RC filter element; Nominal voltage: 230 VAC
|
|
288-418
|
317Kb / 7P |
Safety relay module; Nominal input voltage: 230 V AC/DC; 2,50 mm짼; gray
|
|
859-712
|
336Kb / 10P |
Optocoupler module; Nominal input voltage: 230 VAC; Output voltage range: 20 ??30 VDC
|
|
859-772
|
507Kb / 10P |
Optocoupler module; Nominal input voltage: 230 VAC; Output voltage range: 20 ??30 VDC;
|
|
286-508
|
318Kb / 6P |
Relay module; Nominal input voltage: 230 VAC
|
|
286-516
|
324Kb / 6P |
Relay module; Nominal input voltage: 230 VAC;
|
|
857-368-006-000
|
545Kb / 11P |
Relay module; Nominal input voltage: 230 VAC
|
|
858-518
|
376Kb / 8P |
Relay module; Nominal input voltage: 230 VAC
22.11.2021 |