Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

286-891 Datasheet(PDF) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

No. de pieza 286-891
Descripción Electrónicos  Component module with fuse; for (5 x 20) mm microfuse; Nominal voltage: 230 VAC/DC; gray
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Página de inicio  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

286-891 Datasheet(HTML) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

  286-891 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 286-891 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 286-891 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 286-891 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data sheet | Item number: 286-891
www.wago.com/286-891
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
23.11.2021    Page /
4 4
286-891
doc - Datei
2015. 4. 2.
doc
24.1 kB
Download
Instruction Leaflet
pdf
1.3 MB
Download
Additional Information
Disposal; Electrical and electronic equipment, Packaging
V 1.0.0
pdf
265.8 kB
Download
CAD/CAE-Data
CAE data
ZUKEN Portal 286-891
URL
Download
WSCAD Universe 286-891
URL
Download
CAD data
2D/3D Models 286-891
URL
Download
Environmental Product Compliance
Compliance Search
Environmental Product Compliance 286-891
Component module with fuse; for (5 x 20) mm microfuse; Nominal voltage: 230 VAC
/DC; gray
URL
Download
Installation Notes



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com