Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SET23AXXL02 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SET23AXXL02 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
No. de pieza SET23AXXL02
Descarga  SET23AXXL02 Descarga
Tamaño del archivo   408.94 Kbytes
Page   5 Pages
Fabricante Electrónico  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Página de inicio  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Descripción Electrónicos IEC61000-4-2 ESD 15KV Air, 8KV contact compliance

SET23AXXL02 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SET23AXXL02 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

No. de pieza SET23AXXL02
Descarga  SET23AXXL02 Click to download

Tamaño del archivo   408.94 Kbytes
Page   5 Pages
Fabricante Electrónico  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Página de inicio  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Descripción Electrónicos IEC61000-4-2 ESD 15KV Air, 8KV contact compliance

SET23AXXL02 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SET23AXXL02 Detalles de producto

TVS diodes are characterized by their high surge capability, low operating
and clamping voltages, and fast response time. This makes them ideal for
use as board level protection of sensitive semic onductor components.
The low profile SOT-23 package allows flexibility in the design of crowded
circuit boards.
Description

IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SOT-23 surface mount package
Protects one bidirectional li ne or two unidirectional lines
Working voltage: 3.3V, 5V, 12V, 15V, 24V and 36V
Low leakage current
Low operating and clamping voltages
Solid-state silicon avalanche technology
Lead Free/RoHS compliant
Solder reflow temperature: Pure Tin-Sn, 260~270℃
Features

Cellular handsets and accessories
Personal digital assistants (PDA’s)
Portable instrumentation
Set Top Box (STB)
Servers, notebook, and desktop PC
Wireless bus protection
Applications




Número de pieza similar - SET23AXXL02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
YAGEO Corporation
SET23AXXL02 YAGEO-SET23AXXL02 Datasheet
511Kb / 8P
Electrostatic Discharged Protection Devices (ESD)
Jun. 30, 2023 V.2
More results


Descripción similar - SET23AXXL02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
Protek Devices
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDT23CXXL02 UMW-SDT23CXXL02 Datasheet
373Kb / 5P
IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com