Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EUD-096S070DTA Datasheet (PDF) - Inventronics Inc.

EUD-096S070DTA Datasheet PDF - Inventronics Inc.
No. de pieza EUD-096S070DTA
Descarga  EUD-096S070DTA Descarga
Tamaño del archivo   862.13 Kbytes
Page   16 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 96W Programmable IP67 Driver

EUD-096S070DTA Datasheet (PDF)

Go To PDF Page Descarga Datasheet
EUD-096S070DTA Datasheet PDF - Inventronics Inc.

No. de pieza EUD-096S070DTA
Descarga  EUD-096S070DTA Click to download

Tamaño del archivo   862.13 Kbytes
Page   16 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 96W Programmable IP67 Driver

EUD-096S070DTA Datasheet (HTML) - Inventronics Inc.


EUD-096S070DTA Detalles de producto

Features
Ultra High Efficiency (Up to 93.0%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/3-Timer-Modes Dimmable
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
Output Lumen Compensation
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: OVP, SCP, OTP
IP67 and UL Dry / Damp / Wet Location
Class 2 & SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
Class P, UL Listed Versions Available (See Note 6)
7 Years Warranty
Description
The EUD-096SxxxDTA series is a 96W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for many lighting applications including low bay, tunnel and street,
etc. It provides a dim-to-off mode with low standby power. The high efficiency of these drivers and compact metal
case enables them to run cooler, significantly improving reliability and extending product life. To ensure troublefree
operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




Número de pieza similar - EUD-096S070DTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
EUD-096S070DTL INVENTRONICS-EUD-096S070DTL Datasheet
787Kb / 14P
96W Programmable Driver with Ultra Long Lifetime
Rev.C
More results


Descripción similar - EUD-096S070DTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
EUP-096SXXXSV INVENTRONICS-EUP-096SXXXSV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVA INVENTRONICS-EUD-096SXXXDVA Datasheet
676Kb / 12P
96W Programmable IP67 Driver
Rev. C
EUG-096SXXXDT INVENTRONICS-EUG-096SXXXDT Datasheet
1Mb / 17P
96W Programmable IP67 Driver
Rev. G
EUG-096SXXXDV INVENTRONICS-EUG-096SXXXDV Datasheet
836Kb / 13P
96W Programmable IP67 Driver
Rev. F
EUK-096SXXXDT INVENTRONICS-EUK-096SXXXDT Datasheet
914Kb / 13P
96W Progr ammable IP67 Driver
Rev. D
EUV-096SXXXST INVENTRONICS-EUV-096SXXXST Datasheet
289Kb / 8P
96W Constant Voltage IP67 Driver
Rev. L
HUK-096SXXXDT INVENTRONICS-HUK-096SXXXDT Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
HUK-096SXXXDV INVENTRONICS-HUK-096SXXXDV Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
EUC-096SXXXDV INVENTRONICS-EUC-096SXXXDV Datasheet
993Kb / 9P
96W Constant Current IP67 Driver
Rev. O
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com