Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EUD-096S070DTL Datasheet (PDF) - Inventronics Inc.

EUD-096S070DTL Datasheet PDF - Inventronics Inc.
No. de pieza EUD-096S070DTL
Descarga  EUD-096S070DTL Descarga
Tamaño del archivo   787.92 Kbytes
Page   14 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 96W Programmable Driver with Ultra Long Lifetime

EUD-096S070DTL Datasheet (PDF)

Go To PDF Page Descarga Datasheet
EUD-096S070DTL Datasheet PDF - Inventronics Inc.

No. de pieza EUD-096S070DTL
Descarga  EUD-096S070DTL Click to download

Tamaño del archivo   787.92 Kbytes
Page   14 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 96W Programmable Driver with Ultra Long Lifetime

EUD-096S070DTL Datasheet (HTML) - Inventronics Inc.


EUD-096S070DTL Detalles de producto

Features
Innovative Design with No Electrolytic Capacitors
Ultra Long Lifetime: Greater than 100,000 hrs at 85C Case
Temperature
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/Timer Dimmable (3 Timer Modes )
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA
Output Lumen Compensation
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
Class 2 & SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
10 Years Warranty
Description
The EUD-096SxxxDTL series is a novel 96W design that has removed the use of Electrolytic capacitors to
extend lifetime at elevated temperatures. It is a constant-current, programmable LED driver that operates from
90-305 Vac input with excellent power factor. Created for many lighting applications including high bay, tunnel
and street, it provides a dim-to-off mode with low standby power. The high efficiency of these drivers and
compact metal case enables them to run cooler, significantly improving reliability and extending product life. To
ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and
over temperature of both the driver and the external LED array.




Número de pieza similar - EUD-096S070DTL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
EUD-096S070DTA INVENTRONICS-EUD-096S070DTA Datasheet
862Kb / 16P
96W Programmable IP67 Driver
Rev.D
More results


Descripción similar - EUD-096S070DTL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OptoSupply Internationa...
OSW44LS3C1A OPTOSUPPLY-OSW44LS3C1A Datasheet
109Kb / 1P
Long Lifetime Operation
logo
Inventronics Inc.
EUD-096SXXXDTA INVENTRONICS-EUD-096SXXXDTA Datasheet
862Kb / 16P
96W Programmable IP67 Driver
Rev.D
EUD-096SXXXDVA INVENTRONICS-EUD-096SXXXDVA Datasheet
676Kb / 12P
96W Programmable IP67 Driver
Rev. C
EUD-096SXXXDVL INVENTRONICS-EUD-096SXXXDVL Datasheet
695Kb / 13P
96W Programmable Driver with Ultra Long Lifetime
Rev.B
EUD-150SXXXDVL INVENTRONICS-EUD-150SXXXDVL Datasheet
765Kb / 13P
150W Programmable Driver with Ultra Long Lifetime
Rev. C
EUD-240SXXXDTL INVENTRONICS-EUD-240SXXXDTL Datasheet
895Kb / 14P
240W Pr ogrammable Driver with Ultra Long Lifetime
Rev. B
EUG-096SXXXDT INVENTRONICS-EUG-096SXXXDT Datasheet
1Mb / 17P
96W Programmable IP67 Driver
Rev. G
EUG-096SXXXDV INVENTRONICS-EUG-096SXXXDV Datasheet
836Kb / 13P
96W Programmable IP67 Driver
Rev. F
HUK-096SXXXDT INVENTRONICS-HUK-096SXXXDT Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
HUK-096SXXXDV INVENTRONICS-HUK-096SXXXDV Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com