Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SVT4607SA Datasheet (PDF) - Silan Microelectronics Joint-stock

SVT4607SA Datasheet PDF - Silan Microelectronics Joint-stock
No. de pieza SVT4607SA
Descarga  SVT4607SA Descarga
Tamaño del archivo   439.3 Kbytes
Page   14 Pages
Fabricante Electrónico  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Descripción Electrónicos 30V NP CHANNEL MOSFET

SVT4607SA Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SVT4607SA Datasheet PDF - Silan Microelectronics Joint-stock

No. de pieza SVT4607SA
Descarga  SVT4607SA Click to download

Tamaño del archivo   439.3 Kbytes
Page   14 Pages
Fabricante Electrónico  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Descripción Electrónicos 30V NP CHANNEL MOSFET

SVT4607SA Datasheet (HTML) - Silan Microelectronics Joint-stock


SVT4607SA Detalles de producto

DESCRIPTION
SVT4607SA is a N+P channel enhancement mode power MOS field
effect transistor which is produced using Silan's LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance and high avalanche breakdown tolerance.
These devices are widely used in UPS, Power Management for
Inverter Systems.

FEATURES
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability
 100% avalanche tested
 Pb-free lead plating
 RoHS compliant




Número de pieza similar - SVT4607SA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SVT-41T-P1.1 ETC2-SVT-41T-P1.1 Datasheet
232Kb / 8P
Crimping tools and machines
SVT-41T-P1.1 ETC2-SVT-41T-P1.1 Datasheet
224Kb / 8P
APPLICATION TOOLING
SVT-41T-P1.1 ETC2-SVT-41T-P1.1 Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
logo
Silan Microelectronics ...
SVT03100ND SILAN-SVT03100ND Datasheet
310Kb / 7P
60A, 30V N-CHANNEL MOSFET
Rev.:1.1
SVT03100NL3 SILAN-SVT03100NL3 Datasheet
264Kb / 8P
45A, 30V N-CHANNEL MOSFET
Rev.:1.2
More results


Descripción similar - SVT4607SA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
30V Dual P N-Channel MOSFET
logo
PFC Device Inc.
PRM013C03S8 PFC-PRM013C03S8 Datasheet
1Mb / 10P
30V Single NP Channel MOSFET
PRM020C03S8 PFC-PRM020C03S8 Datasheet
1Mb / 10P
30V Single NP Channel MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
AO4616 UMW-AO4616 Datasheet
540Kb / 11P
30V P-Channel And N-Channel MOSFET
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com