Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SVT4607SA Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

No. de pieza SVT4607SA
Descripción Electrónicos  30V NP CHANNEL MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILAN [Silan Microelectronics Joint-stock]
Página de inicio  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT4607SA Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SVT4607SA Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 8Page - Silan Microelectronics Joint-stock SVT4607SA Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Silan
Microelectronics
SVT4607SA_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.0
http: //www.silan.com.cn
Page 2 of 14
ABSOLUTE MAXIMUM RATINGS (UNLESS OTHERWISE NOTED, TJ=25
C)
N-channel
Characteristics
Symbol
Test conditions
Ratings
Unit
Min.
Typ.
Max.
Drain-Source Voltage
VDS
--
30
--
--
V
Gate-Source Voltage
VGS
--
-20
--
20
V
Drain Current
ID
TC=25C
--
--
7.0
A
TC=100C
--
--
6.0
A
Drain Current Pulsed (Note 1)
IDM
TC=25C
--
--
28
A
Power Dissipation
(Note 2)
PD
TC=25C
--
--
2.8
W
Single Pulsed Avalanche
Energy
EAS
L=0.1mH, VDD=24V, RG=25,
starting temperature TJ=25C
--
--
14
mJ
Single Pulsed Current
IAS
--
--
--
17
A
Operation Junction
Temperature Range
TJ
--
-55
--
150
C
Storage Temperature Range
Tstg
--
-55
--
150
C
P-channel
Characteristics
Symbol
Test conditions
Ratings
Unit
Min.
Typ.
Max.
Drain-Source Voltage
VDS
--
-30
--
--
V
Gate-Source Voltage
VGS
--
-20
--
20
V
Drain Current
ID
TC=25C
--
--
-6.5
A
TC=100C
--
--
-5.0
A
Drain Current Pulsed (Note 1)
IDM
TC=25C
--
--
-26
A
Power Dissipation
(Note 2)
PD
TC=25C
--
--
2.8
W
Single Pulsed Avalanche
Energy
EAS
L=0.1mH, VDD=24V, RG=25,
starting temperature TJ=25C
--
--
45
mJ
Single Pulsed Current
IAS
--
--
--
-30
A
Operation Junction
Temperature Range
TJ
--
-55
--
150
C
Storage Temperature Range
Tstg
--
-55
--
150
C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Test conditions
Ratings
Unit
Min.
Typ.
Max.
Thermal Resistance,
Junction-case, Bottom
RθJC
--
--
--
45
C/W
Thermal Resistance,
Junction-ambient
RθJA
--
--
--
62.5
C/W
Soldering Temperature(SMD)
Tsold
Reflow soldering: 10±1 sec, 3times
Wave soldering:
2
0
-
10
sec, 1time
--
--
260
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com