Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3DPX8121AZLEX Datasheet (PDF) - Diodes Incorporated

PI3DPX8121AZLEX Datasheet PDF - Diodes Incorporated
No. de pieza PI3DPX8121AZLEX
Descarga  PI3DPX8121AZLEX Descarga
Tamaño del archivo   179.86 Kbytes
Page   1 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos 13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver

PI3DPX8121AZLEX Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PI3DPX8121AZLEX Datasheet PDF - Diodes Incorporated

No. de pieza PI3DPX8121AZLEX
Descarga  PI3DPX8121AZLEX Click to download

Tamaño del archivo   179.86 Kbytes
Page   1 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos 13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver

PI3DPX8121AZLEX Datasheet (HTML) - Diodes Incorporated


PI3DPX8121AZLEX Detalles de producto

Features
2:1 Active Mux Configuration for 4-Lane DisplayPort Operation
Data Rate Support Up to 13.5Gbps to Cover 8.1Gbps eDP1.5/
DP1.4 and 13.5Gbps DP2.1 Speed per Lane (RBR/HBR/HBR2/
HBR3/UHBR10/UHBR13.5)
LT-Tunable Capability for LTTPR ReDriver Data Path Support
Quad-Level Pin Strap Control Through Combinational Logic
Table for Equalizer Gain Value Selection
Quad-Level Pin Strap Control for Flat Gain and Output Swing
Linearity Selection
Single Power Supply: 3.3V
Industry Temperature Support: −40oC to +85oC
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
60-pin 5 x 9mm TQFN, (ZL)

Application
Laptop and Desktop PCs
Workstation and Server Systems
Docking, KVM and PC Peripherals
Display Monitors




Número de pieza similar - PI3DPX8121AZLEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
PI3DPX8121 DIODES-PI3DPX8121 Datasheet
667Kb / 1P
3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver
Rev 5 October 2020
PI3DPX8121ZLDEX DIODES-PI3DPX8121ZLDEX Datasheet
667Kb / 1P
3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver
Rev 5 October 2020
More results


Descripción similar - PI3DPX8121AZLEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
logo
Pericom Semiconductor C...
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
DS160PR412 TI-DS160PR412 Datasheet
3Mb / 37P
DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
SN75LVPE5412 TI-SN75LVPE5412 Datasheet
2Mb / 34P
SN75LVPE5412 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 1:2 Demux
DECEMBER 2021
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
logo
Diodes Incorporated
PI3EQX16612 DIODES-PI3EQX16612 Datasheet
675Kb / 1P
16Gbps, 4-Channels PCIe DeMux ReDriver
PI3EQX16621 DIODES-PI3EQX16621 Datasheet
679Kb / 1P
16Gbps, 4-Channels PCIe Mux ReDriver
logo
Texas Instruments
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
More results




Sobre a Diodes Incorporated


Diodos Incorporated es una empresa que cotiza en bolsa que diseña, fabrica y proporciona una amplia gama de semiconductores de señal mixtos, analógicos y de señal mixto y soluciones de energía completas.
La compañía fue fundada en 1964 y tiene su sede en Plano, Texas.
Opera a nivel mundial con centros de ventas, soporte y diseño en América del Norte, Europa y Asia.
Diodos Incorporated sirve a una variedad de industrias, que incluyen automotriz, comunicaciones, computación, consumidores e industriales.
La compañía ofrece una amplia gama de productos, incluidos diodos, rectificadores, transistores, reguladores de voltaje, MOSFET, conductores LED y dispositivos de protección, entre otros.
La misión de la compañía es proporcionar a los clientes productos de alta calidad y alta confiabilidad y un excelente servicio al cliente.
Con un enfoque en la innovación y la satisfacción del cliente, Diodos Incorporated se compromete a convertirse en un proveedor líder de soluciones de gestión de energía.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com