Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3DPX8121ZLDEX Datasheet (PDF) - Diodes Incorporated

PI3DPX8121ZLDEX Datasheet PDF - Diodes Incorporated
No. de pieza PI3DPX8121ZLDEX
Descarga  PI3DPX8121ZLDEX Descarga
Tamaño del archivo   667.91 Kbytes
Page   1 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos 3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver

PI3DPX8121ZLDEX Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PI3DPX8121ZLDEX Datasheet PDF - Diodes Incorporated

No. de pieza PI3DPX8121ZLDEX
Descarga  PI3DPX8121ZLDEX Click to download

Tamaño del archivo   667.91 Kbytes
Page   1 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos 3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver

PI3DPX8121ZLDEX Datasheet (HTML) - Diodes Incorporated


PI3DPX8121ZLDEX Detalles de producto

Features
2-to-1 mux switch configuration for 4-lane DisplayPort
operation
Data rate support up to 10Gbps to cover 8.1Gbps DP1.4 and
10Gbps DP2.0 speed per lane (RBR/HBR/HBR2/HBR3/
UHBR10)
LT-tunable capability for LTTPR redriver data path support
Quad-level pin strap control through combinational logic table
for equalizer gain value selection
Quad-level pin strap control for flat gain and output swing
linearity selection
Input signal detection for automatic power saving mode
Single power supply: 3.3v +/-0.3v
Commercial temperature support: 0oC to +70oC
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
40-pin 3 x 6mm TQFN, (ZLD)

Applications
Laptop and Desktop PCs
Workstation and Server System
Docking, KVM and PC Peripherals
Display Monitors




Número de pieza similar - PI3DPX8121ZLDEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
PI3DPX8121A DIODES-PI3DPX8121A Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
PI3DPX8121AZLEX DIODES-PI3DPX8121AZLEX Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
More results


Descripción similar - PI3DPX8121ZLDEX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Texas Instruments
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
More results




Sobre a Diodes Incorporated


Diodos Incorporated es una empresa que cotiza en bolsa que diseña, fabrica y proporciona una amplia gama de semiconductores de señal mixtos, analógicos y de señal mixto y soluciones de energía completas.
La compañía fue fundada en 1964 y tiene su sede en Plano, Texas.
Opera a nivel mundial con centros de ventas, soporte y diseño en América del Norte, Europa y Asia.
Diodos Incorporated sirve a una variedad de industrias, que incluyen automotriz, comunicaciones, computación, consumidores e industriales.
La compañía ofrece una amplia gama de productos, incluidos diodos, rectificadores, transistores, reguladores de voltaje, MOSFET, conductores LED y dispositivos de protección, entre otros.
La misión de la compañía es proporcionar a los clientes productos de alta calidad y alta confiabilidad y un excelente servicio al cliente.
Con un enfoque en la innovación y la satisfacción del cliente, Diodos Incorporated se compromete a convertirse en un proveedor líder de soluciones de gestión de energía.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com