Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACFJ-3531T Datasheet (PDF) - Abracon Corporation

ACFJ-3531T Datasheet PDF - Abracon Corporation
No. de pieza ACFJ-3531T
Descarga  ACFJ-3531T Descarga
Tamaño del archivo   1059.31 Kbytes
Page   29 Pages
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation
Descripción Electrónicos Automotive Gate Drive Optocoupler with Integrated Flyback DC-DC Controller, IGBT Desat Sensing, Active Miller Clamping, UVLO Feedback and Negative Bias

ACFJ-3531T Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ACFJ-3531T Datasheet PDF - Abracon Corporation

No. de pieza ACFJ-3531T
Descarga  ACFJ-3531T Click to download

Tamaño del archivo   1059.31 Kbytes
Page   29 Pages
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation
Descripción Electrónicos Automotive Gate Drive Optocoupler with Integrated Flyback DC-DC Controller, IGBT Desat Sensing, Active Miller Clamping, UVLO Feedback and Negative Bias

ACFJ-3531T Datasheet (HTML) - Abracon Corporation


ACFJ-3531T Detalles de producto

Features
 Qualified to AEC-Q100 Grade 1 Test Guidelines
 Automotive temperature range: –40°C to +125°C
 Integrated flyback controller for isolated DC-DC converter for
power supply control and diagnostic
– Regulated output supply voltage: 18.3V ± 5%
– Programmable negative supply
– Supply output over load protection
– Supply output short circuit protection
– External primary switch good for Load Dump test
conditions and high power scaling
 Minimum peak output current: –1.5A/+1.5A
 Minimum Miller clamp sinking current: 2A
 Maximum propagation delay: 200 ns
 Integrated fail-safe IGBT protection
– IGBT Desat over-current sensing, "Soft" IGBT turnoff and
fault feedback
– Under Voltage Lock-Out protection (UVLO) with feedback
 High noise immunity
– Common Mode Rejection (CMR): 50 kV/μs at
VCM = 1500V
– Miller current clamping
– Direct LED input with low input impedance and low noise
sensitivity
– Negative gate bias
 SO-24 package with 8-mm creepage and clearance
 Regulatory approvals:
– UL1577, CAN/CSA
– IEC 60747-5-5

Applications
IGBT/SiC MOSFET gate driver for traction inverter, charger, and
HVAC




Número de pieza similar - ACFJ-3531T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Abracon Corporation
ACFJ-332B ABRACON-ACFJ-332B Datasheet
1Mb / 26P
Industrial Dual-Channel High-Speed Gate Drive Optocoupler for MOSFET/GaN with Rail-to-Rail Output Voltage in SO-24 Package
March 14, 2024
ACFJ-332BT ABRACON-ACFJ-332BT Datasheet
1Mb / 26P
Automotive Dual-Channel High-Speed 4A Peak Gate Drive Optocoupler for MOSFET/IGBT with Active Miller Clamp and Rail-to-Rail Output Voltage in SO-24 Package
October 30, 2024
More results


Descripción similar - ACFJ-3531T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-32JT AVAGO-ACPL-32JT Datasheet
452Kb / 18P
Controller for Isolated DC-DC Converter, Integrated IGBT Desat
logo
Broadcom Corporation.
ACPL-H342 BOARDCOM-ACPL-H342 Datasheet
1Mb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
More results




Sobre a Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com