Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC8X7C Datasheet (PDF) - SYC Electronica

PC8X7C Datasheet PDF - SYC Electronica
No. de pieza PC8X7C
Descarga  PC8X7C Descarga
Tamaño del archivo   149.32 Kbytes
Page   4 Pages
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Descripción Electrónicos High Density Mounting Type Photocoupler

PC8X7C Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PC8X7C Datasheet PDF - SYC Electronica

No. de pieza PC8X7C
Descarga  PC8X7C Click to download

Tamaño del archivo   149.32 Kbytes
Page   4 Pages
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Descripción Electrónicos High Density Mounting Type Photocoupler

PC8X7C Datasheet (HTML) - SYC Electronica


PC8X7C Detalles de producto

n Features
1. Current transfer ratio
2. High isolation voltage between input and
3. Compact dual-in-line package
output (Viso
4. Recognized by UL, file No. E64380
PC817 : 1-channel type
PC827 : 2-channel type
PC837 : 3-channel type
PC847 : 4-channel type
( CTR: MIN. 50% at I F = 5mA ,VCE=5V)
: 5 000V rms )




Número de pieza similar - PC8X7C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
PC8 LSTD-PC8 Datasheet
474Kb / 2P
Precise temperature control
PC8010N LSTD-PC8010N Datasheet
415Kb / 1P
All-welded unit construction
PC8010N LSTD-PC8010N Datasheet
415Kb / 1P
No adjustments ever needed
PC804N LSTD-PC804N Datasheet
415Kb / 1P
All-welded unit construction
PC804N LSTD-PC804N Datasheet
415Kb / 1P
No adjustments ever needed
More results


Descripción similar - PC8X7C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com