Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PC8X7C Datasheet(PDF) 2 Page - SYC Electronica

No. de pieza PC8X7C
Descripción Electrónicos  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

PC8X7C Datasheet(HTML) 2 Page - SYC Electronica

  PC8X7C Datasheet HTML 1Page - SYC Electronica PC8X7C Datasheet HTML 2Page - SYC Electronica PC8X7C Datasheet HTML 3Page - SYC Electronica PC8X7C Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
*1 Pulse width <=100
µs, Duty ratio : 0.001
*3 For 10 seconds
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
*4 Classification table of current transfer ratio is shown below.
PC817 Series
s Absolute Maximum Ratings
s Electro-optical Characteristics
Model No.
CTR ( % )
PC817A
PC817B
PC817C
PC817D
Rank mark
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
80 to 160
130 to 260
200 to 400
300 to 600
80 to 260
130 to 400
200 to 600
80 to 400
130 to 600
80 to 600
50 to 600
A, B, C, D or No mark
0
-25
30
0
25
50
75
100
125
40
50
60
20
10
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
( Ta = 25˚C)
( Ta = 25˚C)
5 000
*2 40 to 60% RH, AC for 1 minute
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.0
V
Reverse current
IR
VR =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
VCE = 20V
-
-
10 -7
A
Transfer
charac-
teristics
*4Current transfer ratio
CTR
IF = 5mA, V CE = 5V
50
-
600
%
Collector-emitter saturation voltage
V CE(sat)
IF = 20mA, I C = 1mA
-
0.1
0.2
V
Isolation resistance
R ISO
DC500V, 40 to 60% RH
5 x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
fc
VCE = 5V, I C = 2mA, R L = 100
Ω, - 3dB
-
80
-
kHz
Response time
Rise time
t r
VCE = 2V, I C = 2mA, R L = 100
Ω
-4
18
µ s
-3
18
µ s
Fall time
tf
V rms
PC8 g7AB
PC8 g7BC
PC8 g7CD
PC8 g7AC
PC8 g7BD
PC8 g7AD
PC8 g 7
g : 1 or 2 or 3 or 4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com