Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CR-M024AC3 Datasheet (PDF) - ABB

CR-M024AC3 Datasheet PDF - ABB
No. de pieza CR-M024AC3
Descarga  CR-M024AC3 Descarga
Tamaño del archivo   222.38 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC3 Pluggable interface relay 3c/o, A1-A2=24VAC, 250V/10A

CR-M024AC3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CR-M024AC3 Datasheet PDF - ABB

No. de pieza CR-M024AC3
Descarga  CR-M024AC3 Click to download

Tamaño del archivo   222.38 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC3 Pluggable interface relay 3c/o, A1-A2=24VAC, 250V/10A

CR-M024AC3 Datasheet (HTML) - ABB


CR-M024AC3 Detalles de producto

Extended Product Type CR-M024AC3
Product ID 1SVR405612R0000
EAN 4013614497445
Catalog Description CR-M024AC3 Pluggable interface relay 3c/o, A1-A2=24VAC, 250V/10A
Long Description
The CR-M024AC3 pluggable interface relay is from the CR-M (miniature) relay range. This relay operates
with a 24 V AC rated control supply voltage and has a 3 c/o (SPDT) output with contacts rated at 250 V / 10
A. The relay has an integrated orange test button for manual actuation and locking of the output contacts.
Standard sockets, logic sockets, pluggable function modules, holder and marker are available as
accessories.
General Information




Número de pieza similar - CR-M024AC3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABB
CR-M024AC3 ABB-CR-M024AC3 Datasheet
793Kb / 12P
Pluggable interface relays CR-M Miniature relays
03/2017
CR-M024AC3L ABB-CR-M024AC3L Datasheet
232Kb / 3P
CR-M024AC3L Pluggable interface relay 3c/o, A1-A2=24VAC, 250V/10A, LED
CR-M024AC3L ABB-CR-M024AC3L Datasheet
793Kb / 12P
Pluggable interface relays CR-M Miniature relays
03/2017
More results


Descripción similar - CR-M024AC3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
Accessories for pluggable interface relays CR-U Pluggable function modules
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
10A 250V AC Qualified Type
logo
Eldeco Srl
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-L ELDECO-MRD31-L Datasheet
376Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRH31 ELDECO-MRH31 Datasheet
520Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
logo
Panasonic Semiconductor
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
Relay for control panel of 1A to 10A (1c/2c/3c/4c)
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE_15 Datasheet
1,007Kb / 6P
10A 250V AC Qualified Type
logo
Rohm
RCJ100N25 ROHM-RCJ100N25 Datasheet
724Kb / 14P
Nch 250V 10A Power MOSFET
More results




Sobre a ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com