Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CR-M024AC4 Datasheet (PDF) - ABB

CR-M024AC4 Datasheet PDF - ABB
No. de pieza CR-M024AC4
Descarga  CR-M024AC4 Descarga
Tamaño del archivo   222.54 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC4 Pluggable interface relay 4c/o, A1-A2=24VAC, 250V/6A

CR-M024AC4 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CR-M024AC4 Datasheet PDF - ABB

No. de pieza CR-M024AC4
Descarga  CR-M024AC4 Click to download

Tamaño del archivo   222.54 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC4 Pluggable interface relay 4c/o, A1-A2=24VAC, 250V/6A

CR-M024AC4 Datasheet (HTML) - ABB


CR-M024AC4 Detalles de producto

Extended Product Type CR-M024AC4
Product ID 1SVR405613R0000
EAN 4013614497698
Catalog Description CR-M024AC4 Pluggable interface relay 4c/o, A1-A2=24VAC, 250V/6A
Long Description
The CR-M024AC4 pluggable interface relay is from the CR-M (miniature) relay range. This relay operates
with a 24 V AC rated control supply voltage and has a 4 c/o (SPDT) output with contacts rated at 250 V / 6
A. The relay has an integrated orange test button for manual actuation and locking of the output contacts.
Standard sockets, logic sockets, pluggable function modules, holder and marker are available as
accessories.
General Information




Número de pieza similar - CR-M024AC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABB
CR-M024AC4 ABB-CR-M024AC4 Datasheet
793Kb / 12P
Pluggable interface relays CR-M Miniature relays
03/2017
CR-M024AC4G ABB-CR-M024AC4G Datasheet
793Kb / 12P
Pluggable interface relays CR-M Miniature relays
03/2017
CR-M024AC4L ABB-CR-M024AC4L Datasheet
223Kb / 3P
CR-M024AC4L Pluggable interface relay 4c/o, A1-A2=24VAC, 250V/6A, LED
CR-M024AC4L ABB-CR-M024AC4L Datasheet
793Kb / 12P
Pluggable interface relays CR-M Miniature relays
03/2017
CR-M024AC4LG ABB-CR-M024AC4LG Datasheet
232Kb / 3P
CR-M024AC4LG Pluggable interface relay 4c/o, A1-A2=24VAC, gold-plated contacts
More results


Descripción similar - CR-M024AC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2SD1088 MOSPEC-2SD1088 Datasheet
111Kb / 3P
POWER TRANSISTORS(6A,250V,30W)
logo
List of Unclassifed Man...
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
Accessories for pluggable interface relays CR-U Pluggable function modules
logo
Analog Microelectronics
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
MSOP-8 AME-MSOP-8 Datasheet
90Kb / 1P
A1 : MIN 0 MAX 0.20 A2 : MIN 0.75 MAX 0.95
MSOP-8PP AME-MSOP-8PP Datasheet
58Kb / 1P
A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950
MSOP-10PP AME-MSOP-10PP Datasheet
61Kb / 1P
A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.952
logo
PHOENIX CONTACT
REL-IR PHOENIX-REL-IR Datasheet
77Kb / 5P
Pluggable industrial relay with power contacts, 2 PDT, test button, status LED, free-wheeling diode, mechanical switch position indicator, polarity A1, A2-, input voltage 60 V DC
logo
Rohm
RD3U060CN ROHM-RD3U060CN Datasheet
2Mb / 15P
Nch 250V 6A Power MOSFET
logo
TE Connectivity Ltd
1-1773707-6 TEC-1-1773707-6 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
logo
Eaton All Rights Reserv...
ESR5-NO-31-24VAC-DC EATON-ESR5-NO-31-24VAC-DC Datasheet
62Kb / 2P
SAFETY RELAY DUAL-CHANNEL 24VAC/DC , ESR5-NO-31
More results




Sobre a ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com