Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST3N501 Datasheet (PDF) - Infinite Electronics International, Inc.

ST3N501 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza ST3N501
Descarga  ST3N501 Descarga
Tamaño del archivo   457.57 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 50 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Male

ST3N501 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ST3N501 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza ST3N501
Descarga  ST3N501 Click to download

Tamaño del archivo   457.57 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 50 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Male

ST3N501 Datasheet (HTML) - Infinite Electronics International, Inc.


ST3N501 Detalles de producto

Features
• DC to 3 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 50 Watts (CW)
• N Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Número de pieza similar - ST3N501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
ST3N502F FAIRVIEW-ST3N502F Datasheet
456Kb / 3P
RF Load 50 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Female
REV 2.0
ST3N50PL FAIRVIEW-ST3N50PL Datasheet
478Kb / 3P
RF Load 100 Watts High Power To 3 GHz SMA Male
REV 2.0
More results


Descripción similar - ST3N501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6187 PASTERNACK-PE6187 Datasheet
232Kb / 3P
50 Ohm 5 Watts Aluminum N Male RF Load Up To 3 GHz
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PE6231 PASTERNACK-PE6231 Datasheet
242Kb / 3P
50 Ohm 200 Watts High Power Black Anodized Aluminum Heatsink N Female RF Load Up To 3 GHz
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com