Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST3N50PL Datasheet (PDF) - Infinite Electronics International, Inc.

ST3N50PL Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza ST3N50PL
Descarga  ST3N50PL Descarga
Tamaño del archivo   478.64 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 100 Watts High Power To 3 GHz SMA Male

ST3N50PL Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ST3N50PL Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza ST3N50PL
Descarga  ST3N50PL Click to download

Tamaño del archivo   478.64 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 100 Watts High Power To 3 GHz SMA Male

ST3N50PL Datasheet (HTML) - Infinite Electronics International, Inc.


ST3N50PL Detalles de producto

Features
• High Power RF Load
• DC to 3 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 100 Watts (CW)
• SMA Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Número de pieza similar - ST3N50PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
ST3N501 FAIRVIEW-ST3N501 Datasheet
457Kb / 3P
RF Load 50 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Male
REV 2.0
ST3N502F FAIRVIEW-ST3N502F Datasheet
456Kb / 3P
RF Load 50 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Female
REV 2.0
More results


Descripción similar - ST3N50PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE6219 PASTERNACK-PE6219 Datasheet
256Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6220 PASTERNACK-PE6220 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6222 PASTERNACK-PE6222 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6224 PASTERNACK-PE6224 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With TNC
PE6226 PASTERNACK-PE6226 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168_14 Datasheet
217Kb / 3P
High Power 100 Watts RF Load Up To 4 GHz
PE6197 PASTERNACK-PE6197_16 Datasheet
429Kb / 3P
High Power 100 Watt RF Load Up to 3 GHz
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com