Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST4N257 Datasheet (PDF) - Infinite Electronics International, Inc.

ST4N257 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza ST4N257
Descarga  ST4N257 Descarga
Tamaño del archivo   679.09 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos N Male (Plug) Termination (Load) 100 Watts High Power To 4 GHz, Heatsink Body, 1.25 VSWR, 10 KWatts Peak Power

ST4N257 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ST4N257 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza ST4N257
Descarga  ST4N257 Click to download

Tamaño del archivo   679.09 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos N Male (Plug) Termination (Load) 100 Watts High Power To 4 GHz, Heatsink Body, 1.25 VSWR, 10 KWatts Peak Power

ST4N257 Datasheet (HTML) - Infinite Electronics International, Inc.


ST4N257 Detalles de producto

Features
• High Power RF Load
• DC to 4 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 100 Watts (CW)
• N Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Número de pieza similar - ST4N257

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
ST4N-100 FAIRVIEW-ST4N-100 Datasheet
459Kb / 3P
RF Load 100 Watts High Power To 4 GHz Black Anod­ ized Aluminum Heatsink N Male
REV 2.0
ST4N-50 FAIRVIEW-ST4N-50 Datasheet
458Kb / 3P
RF Load 50 Watts Medium Power To 4 GHz Black An­ odized Aluminum Heatsink N Male
REV 2.0
ST4N-500 FAIRVIEW-ST4N-500 Datasheet
491Kb / 3P
RF Load 500 Watts High Power To 4 GHz Black Anod­ ized Aluminum Heatsink N Male
REV 1.1
ST4N-5WA FAIRVIEW-ST4N-5WA Datasheet
439Kb / 3P
RF Load 5 Watts To 4 GHz Nickel Plated Brass N Male
REV 3.0
ST4N50PL FAIRVIEW-ST4N50PL Datasheet
473Kb / 3P
RF Load 50 Watts Medium Power To 4 GHz N Male
REV 1.1
More results


Descripción similar - ST4N257

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE6166 PASTERNACK-PE6166 Datasheet
292Kb / 1P
SMA MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz
PE6167 PASTERNACK-PE6167 Datasheet
96Kb / 1P
N MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PE7421-10 PASTERNACK-PE7421-10 Datasheet
194Kb / 2P
10 dB Fixed Attenuator, N Male To N Female Black Anodized Aluminum Heatsink Body Rated To 100 Watts Up To 4 GHz
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168_14 Datasheet
217Kb / 3P
High Power 100 Watts RF Load Up To 4 GHz
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com