Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST4N50PL Datasheet (PDF) - Infinite Electronics International, Inc.

ST4N50PL Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza ST4N50PL
Descarga  ST4N50PL Descarga
Tamaño del archivo   473.16 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 50 Watts Medium Power To 4 GHz N Male

ST4N50PL Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ST4N50PL Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza ST4N50PL
Descarga  ST4N50PL Click to download

Tamaño del archivo   473.16 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 50 Watts Medium Power To 4 GHz N Male

ST4N50PL Datasheet (HTML) - Infinite Electronics International, Inc.


ST4N50PL Detalles de producto

Features
• DC to 4 GHz Frequency Range
• VSWR 1.35:1 Max
• Max Power 50 Watts (CW)
• N Male Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Número de pieza similar - ST4N50PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
ST4N-100 FAIRVIEW-ST4N-100 Datasheet
459Kb / 3P
RF Load 100 Watts High Power To 4 GHz Black Anod­ ized Aluminum Heatsink N Male
REV 2.0
ST4N-50 FAIRVIEW-ST4N-50 Datasheet
458Kb / 3P
RF Load 50 Watts Medium Power To 4 GHz Black An­ odized Aluminum Heatsink N Male
REV 2.0
ST4N-500 FAIRVIEW-ST4N-500 Datasheet
491Kb / 3P
RF Load 500 Watts High Power To 4 GHz Black Anod­ ized Aluminum Heatsink N Male
REV 1.1
ST4N-5WA FAIRVIEW-ST4N-5WA Datasheet
439Kb / 3P
RF Load 5 Watts To 4 GHz Nickel Plated Brass N Male
REV 3.0
ST4N257 FAIRVIEW-ST4N257 Datasheet
679Kb / 3P
N Male (Plug) Termination (Load) 100 Watts High Power To 4 GHz, Heatsink Body, 1.25 VSWR, 10 KWatts Peak Power
REV 1.2B
More results


Descripción similar - ST4N50PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6198 PASTERNACK-PE6198 Datasheet
201Kb / 3P
Medium Power 50 Watts RF Load Up To 12.4 GHz With N Male Input Square Body
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
Medium Power 50 Watts RF Load Up To 7 GHz
PE6166 PASTERNACK-PE6166_14 Datasheet
177Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With SMA
PE6167 PASTERNACK-PE6167_14 Datasheet
206Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com