Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

359A Datasheet (PDF) - Emcore Corporation

359A Datasheet PDF - Emcore Corporation
No. de pieza 359A
Descarga  359A Descarga
Tamaño del archivo   420.8 Kbytes
Page   2 Pages
Fabricante Electrónico  EMCORE [Emcore Corporation]
Página de inicio  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Descripción Electrónicos 1310 & 1550 nm Standard and Ultra Fiber Optic Delay Line Modules

359A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
359A Datasheet PDF - Emcore Corporation

No. de pieza 359A
Descarga  359A Click to download

Tamaño del archivo   420.8 Kbytes
Page   2 Pages
Fabricante Electrónico  EMCORE [Emcore Corporation]
Página de inicio  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Descripción Electrónicos 1310 & 1550 nm Standard and Ultra Fiber Optic Delay Line Modules

359A Datasheet (HTML) - Emcore Corporation




Número de pieza similar - 359A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WECO ELECTRICAL CONNECT...
359 WECO-359 Datasheet
168Kb / 1P
Flat screw terminals Heavy-duty version with grooved flat terminals, 1-pole
01.20
logo
Littelfuse
359 LITTELFUSE-359 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
359 ADAFRUIT-359 Datasheet
79Kb / 2P
MiFare Classic (13.56MHz RFID/NFC) Card - 1KB
7/21/2015
logo
Keystone Electronics Co...
359 KEYSTONE-359 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
More results


Descripción similar - 359A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
logo
Optoway Technology Inc
BTR-3721G OPTOWAY-BTR-3721G Datasheet
103Kb / 4P
1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
logo
JDS Uniphase Corporatio...
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
OC-3 SFP Transceiver (1310 nm and 1550 nm)
FFW-4CH11110 JDSU-FFW-4CH11110 Datasheet
124Kb / 3P
Fused WDM, 1310/1550 nm
logo
OPLINK Communications I...
HWDMG13150011H OPLINK-HWDMG13150011H Datasheet
280Kb / 2P
Green High Isolation 1310/1550 nm Micro-Optic WDM
logo
Optoway Technology Inc
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
logo
OPLINK Communications I...
HWDMG-S0016 OPLINK-HWDMG-S0016 Datasheet
287Kb / 2P
Green High Isolation 1310/1550 nm Micro-Optic WDM
MWDMG1315-S0027 OPLINK-MWDMG1315-S0027 Datasheet
287Kb / 2P
Green 1310/1550 nm Micro-Optic WDM
More results




Sobre a Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com