Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

359A Datasheet(PDF) 2 Page - Emcore Corporation

No. de pieza 359A
Descripción Electrónicos  1310 & 1550 nm Standard and Ultra Fiber Optic Delay Line Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMCORE [Emcore Corporation]
Página de inicio  http://www.emcore.com
Logo EMCORE - Emcore Corporation

359A Datasheet(HTML) 2 Page - Emcore Corporation

  359A Datasheet HTML 1Page - Emcore Corporation 359A Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROWAVE
DATASHEET | NOVEMBER 2014
© 2014 EMCORE Corporation
| REV 2014.11
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Mechanical Specifications
Description
Value
Units
Body Dimensions
1 RU
3 RU
5 RU
16.75 (425.4) x 1.72 (43.7) x 12 (304.8)
16.75 (425.4) x 5.22 (132.6) x 18 (458)
16.75 (425.4) x 8.72 (221.5) x 18 (458)
in (mm)
Faceplate Dimensions
1 RU
3 RU
5 RU
19 (482.6) x 1.75 (44.5)
19 (482.6) x 5.25 (133.4)
19 (482.6) x 8.75 (222.3)
in (mm)
Storage Temperature
-60 to +85
°C
Operating Temperature
-40 to +85
°C
Ordering Information
Product Number
359A-WW-XXXXXX-YY-ZZ
Coil Type
“A”
Rack Unit Size
“WW”
Delay in µS
“XXXXXX”
Connector Type
“YY”
Optional Features*
“ZZ”
A = Standard or
Ultra Delay
1U = 19” x 1.75” (1 RU)
3U = 19” x 5.25” (3 RU)
5U = 19” x 8.75” (5 RU)
001000 = 10 µs Delay
010000 = 100 µs Delay
100000 = 1000 µs Delay
SA = SC/APC
FA = FC/APC
LA = LC/APC
EA = E2000/APC
P = Pigtail Leads
B = Bulkhead
PM = Midspan Breakout - Pigtail
BM = Midspan Breakout - Bulkhead
„
When ordering replace “
WW” with one of the Rack Unit Size Options
„
When ordering replace “
XXXXXX” with one of the Delay Options
„
When ordering replace “
YY” with one of the Connector Type Options
„
When ordering replace “
Z”Z with one of the Optional Features
Midspan Breakouts - For some applications, particularly coils greater than 50 km in length for 1550 nm applications, higher signal levels and
more configurability is required. For these cases, midspan breakouts can be placed at every 50 km (about every 245 µs) interval of the 359A
Series Delay and Dispersion Compensation Modules to allow the insertion of optical amplification (EDFA).
Pigtail Leads - If preferred, the standard bulkhead connector input and output of the 359A Series Delay and Dispersion Compensation Modules
can be replaced with a one meter long pigtail with a male connector on the end.
359A Series 1310 & 1550 nm Standard and
Ultra Fiber Optic Delay Line Modules



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com