| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CEC1702 Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1702 Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 30 page ![]() CEC1702 EFUSE GENERATOR TOOL USER’S GUIDE 2017 Microchip Technology Inc. DS50002598A-page 8 Chapter 1. Introduction 1.1 CEC1702 EFUSE GENERATOR TOOL 1.1.1 Purpose This document in intended for software engineer planning to generate public and private keys, signature for their firmware and custom Efuse data for CEC1702 for their system. This document gives the introduction to the steps involved in CEC1702 Efuse programming as well as the hardware and software requirements for the custom Efuse programming once you get the blank part from Microchip. 1.1.2 Introduction This document gives step by step information on programming the Efuse using the CEC1702 Efuse Generator Tool. Following these steps will ensure that the CEC1702 part is programmed correctly each time without facing any difficulty. The CEC1702 Efuse Generator Tool is responsible for generating private and public key pairs, verifying private-public key pair validity, disabling JTAG and ATE modes and generating the Efuse programming values. The input from the user is GUI based and is simple to use. The output from the tool is a binary file for programming the CEC1702 part on the Clicker board using any JTAG programmer tool. The tool also writes the private and public key in an output file protected with the password set by the user while entering the parameters. 1.1.3 Introduction to Hardware The picture of the hardware board used for programming is shown below in Figure 1-1: “CEC1702 Clicker board”. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |