| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CEC1702 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1702 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 30 page ![]() CEC1702 Efuse Generator Tool User’s Guide DS50002598A-page 10 2017 Microchip Technology Inc. 1.1.4 Introduction to the Programming Utility The CEC1702 Efuse Generator Tool is an executable file with the name “CEC1702_e- fuseGEN.exe”. This tool is targeted to program the following bits in the OTP: 1. ATE mode disable bit - Efuse byte 35 bit[7] 2. TAG enable bit on Boot ROM Exit - Efuse byte 34 bit[1] - Bit[4] 3. Authentication Bit for the ECDSA key generation - Efuse byte 483 bit[0] 4. Authentication key region - Efuse bytes 128 - 191 5. ECC private key region - Efuse byte 0 - 31 6. Custom User space region - Efuse byte 192 - 479 7. Custom TAG update region - Efuse bytes 508 - 509 Once you run the utility, you will see the GUI as shown in Figure 1-3: “CEC1702 Efuse Programming tool input form”. The user is required to fill in the following information in the tool to generate the binary and hex file required to program the Efuse in CEC1702. Details about using this tool are described in Chapter 2. “CEC1702 Efuse Generator Tool Procedure”. FIGURE 1-3: CEC1702 EFUSE PROGRAMMING TOOL INPUT FORM |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |