Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LX1G08CTR Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza 74LX1G08CTR
Descripción Electrónicos  LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G08CTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 74LX1G08CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 9Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
74LX1G08
9/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
175
180
185
6.889
7.086
7.283
C
12.8
13
13.2
0.504
0.512
0.519
D
20.2
0.795
N
59.5
60
60.5
2.362
T
14.4
0.567
Ao
2.25
0.088
Bo
2.7
0.106
Ko
1.2
0.047
Po
3.98
4
4.2
0.156
0.157
0.165
P
3.98
4
4.2
0.156
0.157
0.165
Tape & Reel SOT323-xL MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com