Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LX1G08CTR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza 74LX1G08CTR
Descripción Electrónicos  LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G08CTR Datasheet(HTML) 2 Page - STMicroelectronics

  74LX1G08CTR Datasheet HTML 1Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G08CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LX1G08
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) IO absolute maximum rating must be observed
2) VO <GND, VO >VCC
PIN No
SYMBOL
NAME AND FUNCTION
1
1A
Data Input
2
1B
Data Input
3
GND
Ground (0V)
4
1Y
Data Output
5
VCC
Positive Supply Voltage
AB
Y
LLL
LHL
HL
L
HHH
Symbol
Parameter²
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (VCC = 0V)
-0.5 to +7.0
V
VO
DC Output Voltage (High or Low State) (note 1)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-50
mA
IOK
DC Output Diode Current (note 2)
-50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current per Supply Pin
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com