| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L78L08ABZAPTR Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L08ABZAPTR Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 24 page ![]() L78L00 SERIES 12/24 ELECTRICAL CHARACTERISTICS OF L78L10AB AND L78L10AC (refer to the test circuits, VI = 16V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L10AC, TJ = -40 to 125°C for L78L10AB, unless otherwise specified) ELECTRICAL CHARACTERISTICS OF L78L12AB AND L78L12AC (refer to the test circuits, VI = 19V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L12AC, TJ = -40 to 125°C for L78L12AB, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 9.6 10 10.4 V VO Output Voltage IO = 1 to 40 mA VI =12.5 to 23 V 9.5 10.5 V IO = 1 to 70 mA VI = 16 V 9.5 10.5 ∆V O Line Regulation VI = 12.5 to 23 V TJ = 25°C 230 mV VI =13 to23 V TJ = 25°C 170 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 80 mV IO =1to 40mA TJ = 25°C 40 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI =13 to23 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 60 µV SVR Supply Voltage Rejection VI = 14 to 23 V f = 120Hz IO =40 mA TJ = 25°C 37 45 dB Vd Dropout Voltage 1.7 V Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 11.5 12 12.5 V VO Output Voltage IO = 1 to 40 mA VI = 14.5 to 27 V 11.4 12.6 V IO = 1 to 70 mA VI = 19 V 11.4 12.6 ∆V O Line Regulation VI = 14.5 to 27 V TJ = 25°C 250 mV VI =16 to27 V TJ = 25°C 200 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 100 mV IO =1to 40mA TJ = 25°C 50 Id Quiescent Current TJ = 25°C 6.5 mA TJ = 125°C 6 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI =16 to27 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 80 µV SVR Supply Voltage Rejection VI = 15 to 25 V f = 120Hz IO =40 mA TJ = 25°C 37 42 dB Vd Dropout Voltage 1.7 V |