| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L78L08ABZAPTR Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L08ABZAPTR Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 24 page ![]() L78L00 SERIES 14/24 ELECTRICAL CHARACTERISTICS OF L78L20AB AND L78L20AC (refer to the test circuits, VI = 29V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L20AC, TJ = -40 to 125°C for L78L20AB, unless otherwise specified) ELECTRICAL CHARACTERISTICS OF L78L24AB AND L78L24AC (refer to the test circuits, VI = 27V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L24AC, TJ = -40 to 125°C for L78L24AB, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 19.2 20 20.8 V VO Output Voltage IO = 1 to 40 mA VI =24to33V 19 21 V IO = 1 to 70 mA VI =29V 19 21 ∆V O Line Regulation VI = 22.5 to 34 V TJ = 25°C 330 mV VI =24 to34 V TJ = 25°C 280 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 180 mV IO =1to 40mA TJ = 25°C 90 Id Quiescent Current TJ = 25°C 6.5 mA TJ = 125°C 6 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI =25 to33 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 120 µV SVR Supply Voltage Rejection VI = 25 to 35 V f = 120Hz IO =40 mA TJ = 25°C 32 38 dB Vd Dropout Voltage 1.7 V Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 232425 V VO Output Voltage IO = 1 to 40 mA VI =27to38V 22.8 25.2 V IO = 1 to 70 mA VI = 33 V 22.8 25.2 ∆V O Line Regulation VI =27 to38 V TJ = 25°C 350 mV VI =28 to38 V TJ = 25°C 300 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 200 mV IO =1to 40mA TJ = 25°C 100 Id Quiescent Current TJ = 25°C 6.5 mA TJ = 125°C 6 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI =28 to38 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 200 µV SVR Supply Voltage Rejection VI = 23 to 33 V f = 120Hz IO =40 mA TJ = 25°C 31 37 dB Vd Dropout Voltage 1.7 V |