Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28647 Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SL28647
Descripción Electrónicos  Clock Generator for Intel짰CK505
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28647 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SL28647 Datasheet HTML 5Page - Silicon Laboratories SL28647 Datasheet HTML 6Page - Silicon Laboratories SL28647 Datasheet HTML 7Page - Silicon Laboratories SL28647 Datasheet HTML 8Page - Silicon Laboratories SL28647 Datasheet HTML 9Page - Silicon Laboratories SL28647 Datasheet HTML 10Page - Silicon Laboratories SL28647 Datasheet HTML 11Page - Silicon Laboratories SL28647 Datasheet HTML 12Page - Silicon Laboratories SL28647 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SL28647
.......................Document #: 001-05103 Rev *B Page 9 of 27
5
0
S1
27M_SS/LCD 96_100M SS Spread Spectrum Selection table:
S[1:0] SS%
‘00’ = –0.5%(Default value)
‘01’ = –1.0%
‘10’ = –1.5%
‘11’ = –2.0%
40
S0
3
1
RESERVED
RESERVED
2
1
27M_SS_OE
27M_SS Output Enable
0 =Disabled, 1 = Enabled
1
1
27M_SS/LCD_96M/100M
Spread Enable
27M_SS/LCD_96/100M Spread spectrum enable.
0 = Spread Disabled, 1 = Spread Enabled
0
0
RESERVED
RESERVED
Byte 10 Control Register 10 (continued)
Bit
@Pup
Name
Description
Byte 11 Control Register 11
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
1
RESERVED
RESERVED
5
1
SRC9_OE
SRC9 Output Enable
0 = Disabled, 1 = Enabled
4
1
SRC8_OE
SRC8 Output Enable
0 = Disabled, 1 = Enabled
3
0
RESERVED
RESERVED
2
0
SRC10_STP_CTRL
Allow control of SRC10 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
1
0
SRC9_STP_CTRL
Allow control of SRC9 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
0
0
SRC8_STP_CTRL
Allow control of SRC8 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
Byte 12 Control Register 12
Bit
@Pup
Name
Description
7
0
DIAG_EN
Diagnostic Bits Enabled
0 = Reset (default) setting bit 6, 5, 4, 2, 0 to zero
1 = DIAG mode enabled
6
HW
CPU PLL Status
CPU_PLL status
0 = PLL not locked; 1 = PLL locked
5
HW
Video PLL Status
Video_PLL status
0 = PLL not locked; 1 = PLL locked
4
HW
Fixed PLL Status
Fixed_PLL status
0 = PLL not locked; 1 = PLL locked
3
HW
PCIe PLL Status
PCIe_PLL status
0 = PLL not locked; 1 = PLL locked
2
HW
Frequency Accuracy
Primiary PLL or external crystal Frequency Accuracy
0=Frequency not accurate, 1=Frequency Accurate
1
1
Byte 0 Access
Byte 0 Access Control
0 = Disabled, 1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com