Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28647 Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SL28647
Descripción Electrónicos  Clock Generator for Intel짰CK505
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28647 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SL28647 Datasheet HTML 6Page - Silicon Laboratories SL28647 Datasheet HTML 7Page - Silicon Laboratories SL28647 Datasheet HTML 8Page - Silicon Laboratories SL28647 Datasheet HTML 9Page - Silicon Laboratories SL28647 Datasheet HTML 10Page - Silicon Laboratories SL28647 Datasheet HTML 11Page - Silicon Laboratories SL28647 Datasheet HTML 12Page - Silicon Laboratories SL28647 Datasheet HTML 13Page - Silicon Laboratories SL28647 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SL28647
.....................Document #: 001-05103 Rev *B Page 10 of 27
0
HW
PWRGOOD
Power on reset status bit
0 = All of the below conditions are not meet
1 = Valid voltage levels exist on VDD_SRC/CPU, VDD_REF, VDDA,
VDD_48, VDD_PCI and CKPWRGD is asserted and external crystal is
detected.
Byte 12 Control Register 12
Bit
@Pup
Name
Description
Byte 13 Control Register 13
Bit
@Pup
Name
Description
7
0
CLKREQ#9
CLKREQ#9 Input Enable
0 = Disabled, 1 = Enabled
6
0
CLKREQ#8
CLKREQ#8 Input Enable
0 = Disabled, 1 = Enabled
5
0
CLKREQ#7
CLKREQ#7 Input Enable
0 = Disabled, 1 = Enabled
4
0
CLKREQ#6
CLKREQ#6 Input Enable
0 = Disabled, 1 = Enabled
3
0
CLKREQ#5
CLKREQ#5 Input Enable
0 = Disabled, 1 = Enabled
2
0
CLKREQ#4
CLKREQ#4 Input Enable
0 = Disabled, 1 = Enabled
1
0
CLKREQ#3
CLKREQ#3 Input Enable
0 = Disabled, 1 = Enabled
0
0
CLKREQ#2
CLKREQ#2 Input Enable
0 = Disabled, 1 = Enabled
Byte 14 Control Register 14
Bit
@Pup
Name
Description
7
0
CLKREQ#1
CLKREQ#1 Input Enable
0 = Disabled, 1 = Enabled
6
1
LCD _96/100M Clock
Speed
LCD 96_100M Clock Speed
0 = 96 MHz, 1 = 100 MHz
5
1
27M_SS Bit 0
27M SS Slew Rate Control Bit 0, See Table 6 for more detail
0 = Low, 1 = High
4
1
27M_non-SS Bit 0
27M non-SS Slew Rate Control Bit 0, See Table 6 for more detail
0 = Low, 1 = High
3
1
PCI4 Bit 0
PCI4 Slew Rate Control Bit 0, See Table 6 for more detail
0 = Low, 1 = High
2
1
PCI3 Bit 0
PCI3 Slew Rate Control Bit 0, See Table 6 for more detail
0 = Low, 1 = High
1
1
PCI2 Bit 0
PCI2 Slew Rate Control Bit 0, See Table 6 for more detail
0 = Low, 1 = High
0
1
PCI1 Bit 0
PCI1Slew Rate Control Bit 0, See Table 6 for more detail
0 = Low, 1 = Highh
Byte 15 Control Register 15
Bit
@Pup
Name
Description
7
HW
TME_STRAP
Trusted mode enable strap status,
0 = Normal
1 = No overclocking (default)
6
1
RESERVED
RESERVED
5
1
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com