Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28647CLCT Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SL28647CLCT
Descripción Electrónicos  Clock Generator for Intel짰CK505
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28647CLCT Datasheet(HTML) 1 Page - Silicon Laboratories

  SL28647CLCT Datasheet HTML 1Page - Silicon Laboratories SL28647CLCT Datasheet HTML 2Page - Silicon Laboratories SL28647CLCT Datasheet HTML 3Page - Silicon Laboratories SL28647CLCT Datasheet HTML 4Page - Silicon Laboratories SL28647CLCT Datasheet HTML 5Page - Silicon Laboratories SL28647CLCT Datasheet HTML 6Page - Silicon Laboratories SL28647CLCT Datasheet HTML 7Page - Silicon Laboratories SL28647CLCT Datasheet HTML 8Page - Silicon Laboratories SL28647CLCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Clock Generator for Intel®CK505
SL28647
....................... Document #: 001-05103 Rev *B Page 1 of 27
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
Features
• Compliant to Intel® CK505
• Selectable CPU frequencies
• Low power differential CPU clock pairs
• 100-MHz low power differential SRC clocks
• 96-MHz low power differential dot clock
• 27-MHz Spread and Non-spread video clock
• 48-MHz USB clock
• SRC clocks independently stoppable through
CLKREQ#[1:9]
• 100-MHz low power spreadable differential video clock
• 33-MHz PCI clocks
• Buffered Reference Clock 14.318 MHz
• Low-voltage frequency select inputs
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• 3.3V power supply
• 72-pin QFN package
Table 1. Output Confguration Table
CPU
SRC
PCI
REF
DOT96
USB_48M
LCD
27M
x2/x3
x9/11
x5
x 2
x 1
x 1
x1
x2
Pin Configuration
Block Diagram
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55
VDD_SRC
1
54
VDD_SRC
SRCC_9
2
53
SRCC_2
SRCT_9
3
52
SRCT_2
VSS_SRC
4
51
SRCC_1/SATAC
CPUC2_ITP / SRCC_10
5
50
SRCT_1/SATAT
CPUT2_ITP / SRCT_10
6
49
VDD_SRC
VDDA
7
48
SRCC_0 / LCDC100 / 96C
VSSA
8
47
SRCT_0 / LCDT100 / 96T
NC
9
46
CLKREQ1#
CPUC1_MCH
10
45
FSB/TEST_MODE
CPUT1_MCH
11
44
DOT96C / 27M_SS
VDD_CPU
12
43
DOT96T / 27M_NSS
CPUC0
13
42
VSS_48
CPUT0
14
41
48M / FSA
VSS_CPU
15
40
VDD_48
SCLK
16
39
CKPWRGD/PD#
SDATA
17
38
CLKREQ7#
VDD_REF
18
37
PCIF0/ITP_SEL
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
SL28647


Número de pieza similar - SL28647CLCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL28610 SILABS-SL28610 Datasheet
277Kb / 23P
Low Power Clock Generator for Intel짰 Ultra Mobile Platform
SL28610BLC SILABS-SL28610BLC Datasheet
277Kb / 23P
Low Power Clock Generator for Intel짰 Ultra Mobile Platform
SL28610BLI SILABS-SL28610BLI Datasheet
277Kb / 23P
Low Power Clock Generator for Intel짰 Ultra Mobile Platform
More results

Descripción similar - SL28647CLCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
logo
Rohm
BU2190F ROHM-BU2190F Datasheet
46Kb / 4P
Clock generator for PD
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
Clock generator for personal
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
Clock generator for DVD
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
Clock generator for PC
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
Clock Generator for Printer
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
Clock Generator for DVD Players
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
Clock Generator for AMD??Hammer
logo
Integrated Device Techn...
8V49N231 IDT-8V49N231 Datasheet
677Kb / 31P
Clock Generator for Broadcom Processor
logo
Renesas Technology Corp
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
Clock Generator for Cavium Processors
06/30/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com