Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28647CLCT Datasheet(PDF) 3 Page - Silicon Laboratories

No. de pieza SL28647CLCT
Descripción Electrónicos  Clock Generator for Intel짰CK505
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28647CLCT Datasheet(HTML) 3 Page - Silicon Laboratories

  SL28647CLCT Datasheet HTML 1Page - Silicon Laboratories SL28647CLCT Datasheet HTML 2Page - Silicon Laboratories SL28647CLCT Datasheet HTML 3Page - Silicon Laboratories SL28647CLCT Datasheet HTML 4Page - Silicon Laboratories SL28647CLCT Datasheet HTML 5Page - Silicon Laboratories SL28647CLCT Datasheet HTML 6Page - Silicon Laboratories SL28647CLCT Datasheet HTML 7Page - Silicon Laboratories SL28647CLCT Datasheet HTML 8Page - Silicon Laboratories SL28647CLCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SL28647
.......................Document #: 001-05103 Rev *B Page 3 of 27
Frequency Select Pins (FSA, FSB, and FSC)
Host clock frequency selection is achieved by applying the
appropriate logic levels to FSA, FSB, FSC inputs prior to
CK_PWRGD assertion (as seen by the clock synthesizer).
Upon CK_PWRGD being sampled HIGH by the clock chip
(indicating processor CK_PWRGD voltage is stable), the clock
chip samples the FSA, FSB, and FSC input values. For all
logic levels of FSA, FSB, and FSC, CK_PWRGD employs a
one-shot functionality in that once a valid HIGH on
CK_PWRGD has been sampled, all further CK_PWRGD,
FSA, FSB, and FSC transitions will be ignored, except in test
mode.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initialize to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
32
PCI2/TME
I/O,PU,
SE
33-MHz clock output/Trusted Mode Enable Strap
Strap at pin 39 assertion to determine if the part is in trusted mode or not.
Internal pull-up resistor of 100K to 3.3V, use 10K resistor to pull it low externally
if needed
0 = Normal mode
1= Trusted mode (default)
33
PCI3
O, SE 33MHz clock output / 3.3V-tolerant input select pin to select termination scheme
for differential clocks.
34
PCI4/FCTSEL1
I/O, PD 33-MHz clock output/3.3V LVTTL input for selecting pins 47,48 (SRC[T/C]0,
100M[T/C]) and pins 43,44 (DOT96[T/C] and 27M Spread and Non-spread)
(sampled on pin 39 assertion).
Internal pull-down resistor of 100K to GND
37
ITP_SEL/PCIF0
I/O,PD,
SE
3.3V LVTTL input to enable SRC10 or CPU2_ITP/33-MHz clock output. (sampled
on pin 39 assertion).
Internal pull-down resistor of 100K to GND
1 = CPU2_ITP, 0 = SRC10
39
CKPWRGD/PD#
I
3.3V LVTTL input. This pin is a level sensitive strobe. When asserted, it latches
data on the FSA, FSB, FSC, FCTSEL1 and ITP_SEL pins. After assertion, it
becomes a real time input for controlling power down.
40
VDD_48
PWR
3.3V power supply for outputs.
41
48M/FSA
I/O
Fixed 48-MHz clock output/3.3V-tolerant input for CPU frequency selection
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
42
VSS_48
GND
Ground for outputs.
43, 44
DOT96T/ 27M_NSS
DOT96C/ 27M_SS
O, DIF Fixed 96-MHz clock output or 27 Mhz Spread and Non-spread output Selected
via FCTSEL1 at pin 39 assertion.
45
FSB/TEST_MODE
I
3.3V-tolerant input for CPU frequency selection. Selects Ref/N or Tri-state when
in test mode
0 = Tri-state, 1 = Ref/N
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
47, 48
SRC[T/C]0/
LCD100M[T/C]
O,DIF 100-MHz differential serial reference clock output/Differential 96/100-MHz SS
clock for flat-panel display
Selected via FCTSEL1 at pin 39 assertion.
50, 51
SRCT_1/SATAT,
SRCC_1/SATAC
O, DIF 100-MHz Differential serial reference clocks.
Pin Description (continued)
Pin No.
Name
Type
Description
FCTS E L1 P in 43
P in 44
P in 47
P in 48
0 DOT96T
DOT96C
96/100M_T 96/100M_C
1 27M_NSS
27M_SS
SRCT0
SRCC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com