Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RCAT-01 Datasheet(PDF) 1 Page - Mini-Circuits

No. de pieza RCAT-01
Descripción Electrónicos  Fixed Attenuator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RCAT-01 Datasheet(HTML) 1 Page - Mini-Circuits

  RCAT-01 Datasheet HTML 1Page - Mini-Circuits RCAT-01 Datasheet HTML 2Page - Mini-Circuits RCAT-01 Datasheet HTML 3Page - Mini-Circuits RCAT-01 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
50Ω
2W
DC to 20 GHz
The Big Deal
• Exceptional power handling of 2W
• Wide band width DC to 20 GHz
• Miniature size 2.25 mm x 2.25 mm x 1.1 mm Ceramic package
• Highly reliable and repeatable performance
Product Overview
RCAT attenuators are fixed value absorptive attenuators. The highly precision and repeatable monolithic
attenuator chip is processed using the most advanced semiconductor processing techniques. The Cu filled
through-die via’s and Cu metallization on the backside provides a very low thermal resistance path to
dissipate the attenuated power. The attenuator chip is packaged in an LTCC hermetic package utilizing fully
automated and highly reliable manufacturing processes.
Feature
Advantages
Max power input 2W
Thermally optimized design can operate reliably at much higher input power as com-
pared to similar devices
Band width DC to 20 GHz
Supports a broad band of applications with predictable and repeatable performance,
excellent choice to buffer cascaded reflective components.
Ceramic Hermetic package
Highly reliable hermetic package provides predictable and repeatable performance in
military applications including ground, air, and ship requirements
Very Small Size
Miniature 2.25 mm x 2.25 mm and very low profile of 1.1 mm.
Key Features
RCAT-SERIES


Número de pieza similar - RCAT-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
RCAT-00 MINI-RCAT-00 Datasheet
592Kb / 4P
50廓 2W 0dB DC to 20 GHz
RCAT-02 MINI-RCAT-02 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-02+ MINI-RCAT-02+ Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
Fixed Attenuator
RCAT-03+ MINI-RCAT-03+ Datasheet
245Kb / 4P
Fixed Attenuator
More results

Descripción similar - RCAT-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JFW Industries, Inc.
50FHC-XXX-25 JFW-50FHC-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50HFAH-XXX JFW-50HFAH-XXX Datasheet
29Kb / 2P
FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
FIXED ATTENUATOR
50HF-XXX-25 JFW-50HF-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-100 JFW-50FHAO-XXX-100 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-150 JFW-50FHAO-XXX-150 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FH-XXX-300-2 JFW-50FH-XXX-300-2 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75FHC-XXX-10 JFW-75FHC-XXX-10 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75F-XXX-N JFW-75F-XXX-N Datasheet
26Kb / 1P
FIXED ATTENUATOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com