Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RCAT-01 Datasheet(PDF) 3 Page - Mini-Circuits

No. de pieza RCAT-01
Descripción Electrónicos  Fixed Attenuator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RCAT-01 Datasheet(HTML) 3 Page - Mini-Circuits

  RCAT-01 Datasheet HTML 1Page - Mini-Circuits RCAT-01 Datasheet HTML 2Page - Mini-Circuits RCAT-01 Datasheet HTML 3Page - Mini-Circuits RCAT-01 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
RCAT-01+
Electrical Specifications1 at 25°C, 50Ω
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
20
GHz
Attenuation
1
0.5
1.03
1.5
dB
10
0.8
1.28
1.8
20
0.9
1.72
2.5
Return Loss
1
30
dB
10
19
20
12
RCAT-01+
ATTENUATION
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
RCAT-01+
RETURN LOSS
0
10
20
30
40
50
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
Typical Performance Data at 25°C
Frequency
(GHz)
Attenuation
(dB)
Return Loss
(dB)
0.05
1.00
53.64
2.00
1.06
23.98
5.00
1.18
17.57
8.00
1.27
16.83
10.00
1.28
19.17
12.00
1.28
25.57
15.00
1.36
20.40
17.00
1.53
14.92
19.00
1.62
12.14
20.00
1.72
11.69
1. Tested using characterization test circuit as defined in Figure 1.
See graphs and data above for performances at all other frequencies.
2. Permanent damage may occur if any of these limits are exceeded.
3. Case is defined as ground lead.
4. RF Power at 25°C case temperature: 2W. Derate linearly to 0.33W at 125°C.
Absolute Maximum Ratings 2
Operating Case Temperature3
-55°C to 125°C
Storage Temperature
-65°C to 150°C
RF Input Power4
2W at 25°C
Characterization Test Circuit
Fig 1. Block diagram of Test Circuit used for characterization. Characterization was
performed by Modelithics®, conditions test board details are available at:
http://www.modelithics.com/datasheet2/606.pdf



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com