Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDBT-40 Datasheet(PDF) 4 Page - Comchip Technology

No. de pieza CDBT-40
Descripción Electrónicos  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-40 Datasheet(HTML) 4 Page - Comchip Technology

  CDBT-40 Datasheet HTML 1Page - Comchip Technology CDBT-40 Datasheet HTML 2Page - Comchip Technology CDBT-40 Datasheet HTML 3Page - Comchip Technology CDBT-40 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BA001
Comchip Technology CO., LTD.
Page 4
REV:C
Small Signal Schottky Diodes
Part Number
CDBT-40-G
Marking Code
43
Marking Code
XX
3
1
2
CDBT-40S-G
44
CDBT-40C-G
45
CDBT-40A-G
46
xx = Product type marking code
Company reserves the right to improve product design , functions and reliability without notice.
Suggested PAD Layout
A
D
C
SIZE
(inch)
0.031
(mm)
0.80
0.60
1.90
0.024
0.075
SOT-23
2.02
0.080
A
B
C
D
E
B
2.82
0.111
E
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
3,000
SOT-23
Reel Size
(inch)
7



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com